Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C310 Datasheet(PDF) 4 Page - Coilcraft lnc.

Part # C310
Description  MAGNETICS FOR RF, POWER,FILTER AND DATA APPLICATIONS
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

C310 Datasheet(HTML) 4 Page - Coilcraft lnc.

  C310 Datasheet HTML 1Page - Coilcraft lnc. C310 Datasheet HTML 2Page - Coilcraft lnc. C310 Datasheet HTML 3Page - Coilcraft lnc. C310 Datasheet HTML 4Page - Coilcraft lnc. C310 Datasheet HTML 5Page - Coilcraft lnc. C310 Datasheet HTML 6Page - Coilcraft lnc. C310 Datasheet HTML 7Page - Coilcraft lnc. C310 Datasheet HTML 8Page - Coilcraft lnc. C310 Datasheet HTML 9Page - Coilcraft lnc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 60 page
background image
4
www.coilcraft.com US +1-847-639-6400 Europe +44-1236-730595
* Bold numbers indicate tolerances carried in stock. When ordering, please replace underscore in part number with
the proper tolerance code: G = 2%, H = 3%, J = 5%. (e.g. 0402CS-2N4XGRW for a 2% tolerance part.)
0402CS
Inductance
Percent
SRF min DCR max Irms
1.7 GHz
Part number
(nH)
tolerance*
(GHz)
(Ohms)
(mA)
L typ
Q typ
0402CS-1N0XJRW
1.0 @ 250 MHz
5
12.70
0.045
1360
1.02
69
0402CS-1N2XJRW
1.2 @ 250 MHz
5
12.90
0.090
740
1.17
38
0402CS-1N8X_RW
1.8 @ 250 MHz
5,3,2
12.00
0.070
1040
1.78
75
0402CS-1N9X_RW
1.9 @ 250 MHz
5,3,2
11.30
0.070
1040
1.74
82
0402CS-2N0X_RW
2.0 @ 250 MHz
5,3,2
11.10
0.070
1040
1.93
75
0402CS-2N2X_RW
2.2 @ 250 MHz
5,3,2
10.80
0.070
960
2.23
100
0402CS-2N4X_RW
2.4 @ 250 MHz
5,3,2
10.50
0.068
790
2.27
68
0402CS-2N7X_RW
2.7 @ 250 MHz
5,3,2
10.40
0.120
640
2.60
61
0402CS-3N3X_RW
3.3 @ 250 MHz
5,3,2
7.00
0.066
840
3.12
87
0402CS-3N6X_RW
3.6 @ 250 MHz
5,3,2
6.80
0.066
840
3.62
71
0402CS-3N9X_RW
3.9 @ 250 MHz
5,3,2
6.00
0.066
840
4.00
75
0402CS-4N3X_RW
4.3 @ 250 MHz
5,3,2
6.00
0.091
700
4.30
71
0402CS-4N7X_RW
4.7 @ 250 MHz
5,3,2
4.77
0.130
640
4.68
68
0402CS-5N1X_RW
5.1 @ 250 MHz
5,3,2
4.80
0.083
800
5.25
82
0402CS-5N6X_RW
5.6 @ 250 MHz
5,3,2
4.80
0.083
760
5.28
81
0402CS-6N2X_RW
6.2 @ 250 MHz
5,3,2
4.80
0.083
760
6.37
76
0402CS-6N8X_RW
6.8 @ 250 MHz
5,3,2
4.80
0.083
680
6.93
78
0402CS-7N5X_RW
7.5 @ 250 MHz
5,3,2
4.80
0.10
680
8.22
88
0402CS-8N2X_RW
8.2 @ 250 MHz
5,3,2
4.40
0.10
680
8.85
84
0402CS-8N7X_RW
8.7 @ 250 MHz
5,3,2
4.10
0.20
480
9.21
73
0402CS-9N0X_RW
9.0 @ 250 MHz
5,3,2
4.16
0.10
680
9.53
78
0402CS-9N5X_RW
9.5 @ 250 MHz
5,3,2
4.00
0.20
480
9.98
69
0402CS-10NX_RW
10 @ 250 MHz
5,3,2
3.90
0.20
480
10.10
67
0402CS-11NX_RW
11 @ 250 MHz
5,3,2
3.68
0.12
640
11.20
78
0402CS-12NX_RW
12 @ 250 MHz
5,3,2
3.60
0.12
640
12.70
71
0402CS-13NX_RW
13 @ 250 MHz
5,3,2
3.45
0.21
440
14.63
57
0402CS-15NX_RW
15 @ 250 MHz
5,3,2
3.28
0.17
560
15.50
77
0402CS-16NX_RW
16 @ 250 MHz
5,3,2
3.10
0.22
560
18.86
47
0402CS-18NX_RW
18 @ 250 MHz
5,3,2
3.10
0.23
420
20.28
62
0402CS-19NX_RW
19 @ 250 MHz
5,3,2
3.04
0.20
480
21.10
67
0402CS-20NX_RW
20 @ 250 MHz
5,3,2
3.00
0.25
420
23.66
53
0402CS-22NX_RW
22 @ 250 MHz
5,3,2
2.80
0.30
400
26.75
53
0402CS-23NX_RW
23 @ 250 MHz
5,3,2
2.72
0.30
400
26.90
64
0402CS-24NX_RW
24 @ 250 MHz
5,3,2
2.70
0.30
400
29.50
50
0402CS-27NX_RW
27 @ 250 MHz
5,3,2
2.48
0.30
400
33.50
63
0402CS-30NX_RW
30 @ 250 MHz
5,3,2
2.35
0.30
400
38.50
39
0402CS-33NX_RW
33 @ 250 MHz
5,3,2
2.35
0.30
400
41.74
32
0402CS-36NX_RW
36 @ 250 MHz
5,3,2
2.32
0.44
320
48.40
53
0402CS-39NX_RW
39 @ 250 MHz
5,3,2
2.10
0.55
200
50.23
45
0402CS-40NX_RW
40 @ 250 MHz
5,3,2
2.24
0.44
320
47.40
33
0402CS-43NX_RW
43 @ 250 MHz
5,3,2
2.03
0.81
100
61.55
34
0402CS-47NX_RW
47 @ 250 MHz
5,3,2
2.10
0.83
150
—
—
0402CS-51NX_RW
51 @ 250 MHz
5,3,2
1.75
0.82
100
—
—
0402CS-56NX_RW
56 @ 250 MHz
5,3,2
1.76
0.97
100
—
—
0402CS-68NX_RW
68 @ 250 MHz
5,3,2
1.62
1.12
100
—
—
0402CS-82NX_RW
82 @ 250 MHz
5,3,2
1.26
1.55
50
—
—
0402CS-R10X_RW
100 @ 250 MHz
5,3,2
1.16
2.00
30
—
—
0402CS-R12XJRW
120 @ 250 MHz
5,3,2
1.10
2.20
50
—
—
0302CS
Inductance
Percent
SRF typ DCR max Irms
1.7 GHz
Part number
(nH)
tolerance* (GHz)
(Ohms)
(mA)
L typ
Q typ
0302CS-N67XKRW
0.67
10
>26
0.021
1600
0.66
56
0302CS-1N7XJRW
1.7
5
16.14
0.038
1140
1.7
78
0302CS-1N9XJRW
1.9
5
16.06
0.065
910
1.9
65
0302CS-2N1XJRW
2.1
5
15.94
0.082
830
2.1
57
0302CS-3N0XJRW
3.0
5
15.10
0.060
950
3.0
92
0302CS-3N3XJRW
3.3
5
11.50
0.060
950
3.3
88
0302CS-3N5XJRW
3.5
5
11.53
0.070
870
3.5
84
0302CS-3N8XJRW
3.8
5
10.67
0.090
830
3.8
89
0302CS-4N0XJRW
4.0
5
11.21
0.100
760
4.0
80
0302CS-4N7XJRW
4.7
5
12.07
0.074
830
4.6
88
0302CS-5N1XJRW
5.1
5
9.65
0.074
830
5.1
92
0302CS-5N6XJRW
5.6
5
6.40
0.120
730
5.5
71
0302CS-6N0XJRW
6.0
5
8.60
0.140
700
6.0
82
0302CS-6N3XJRW
6.3
5
9.34
0.155
620
6.3
80
0302CS-6N5XJRW
6.5
5
8.19
0.200
620
6.5
80
0302CS-7N0XJRW
7.0
5
8.50
0.103
760
7.1
84
0302CS-7N2XJRW
7.2
5
9.12
0.112
690
7.2
82
0302CS-7N4XJRW
7.4
5
7.98
0.112
690
7.4
82
0302CS-8N3XJRW
8.3
5
8.19
0.150
590
8.3
80
0302CS-9N2XJRW
9.2
5
7.92
0.115
690
9.0
83
0302CS-10NXJRW
10.0
5
7.45
0.140
620
10.1
91
0302CS-11NXJRW
11.0
5
6.85
0.210
590
11.2
83
0302CS-12NXJRW
12.0
5
6.86
0.170
560
12.6
88
0302CS-13NXJRW
13.0
5
6.94
0.230
480
13.3
83
0302CS-15NXJRW
15.0
5
6.20
0.174
560
15.4
84
0302CS-16NXJRW
16.0
5
6.13
0.210
480
16.4
85
0302CS-17NXJRW
17.0
5
6.26
0.280
440
17.4
82
0302CS-18NXJRW
18.0
5
6.03
0.350
390
18.5
80
0302CS-19NXJRW
19.0
5
5.79
0.260
480
19.6
85
0302CS-20NXJRW
20.0
5
5.68
0.300
430
20.2
88
0302CS-21NXJRW
21.0
5
5.16
0.37
370
22.0
82
0302CS-22NXJRW
22.0
5
4.95
0.42
340
23.1
79
0302CS-23NXJRW
23.5
5
5.18
0.40
430
24.6
84
0302CS-29NXJRW
29.0
5
4.83
0.47
330
30.5
75
0302CS-34NXJRW
34.0
5
4.45
0.53
310
35.5
78
0302CS-36NXJRW
36.0
5
3.70
0.60
300
45
40
0302CS-39NXJRW
39.0
5
3.55
0.76
300
50
42
0302CS-43NXJRW
43.0
5
3.42
0.82
280
56
43
0302CS-51NXJRW
51.0
5
3.25
0.97
270
69
41
0302CS-56NXJRW
56.0
5
3.00
1.24
250
80
31
0302CS-62NXJRW
62.0
5
2.87
1.28
240
92
36
0302CS-75NXJRW
75.0
5
2.63
2.10
180
124
25
0302CS-82NXJRW
82.0
5
2.50
2.20
170
150
29
0302CS-91NXJRW
91.0
5
2.42
3.10
150
168
22
0302CS-101XJRW
100.0
5
2.30
3.26
140
214
25
0402AF Ferrite
Inductance Percent Impedance typ (Ohms)
SRF typ
DCR max
Irms
Part number
(nH)
Tolerance* 900 MHz
1.7 GHz
(MHz)
(Ohms)
(mA)
0402AF-200XJLW
20
5
83
118
2600
0.050
1600
0402AF-220XJLW
22
5,3,2
96
146
2500
0.065
1300
0402AF-330XJLW
33
5
142
207
2300
0.060
1400
0402AF-360XJLW
36
5,3,2
157
249
2300
0.075
1300
0402AF-390XJLW
39
5,3,2
173
263
2200
0.115
830
0402AF-510XJLW
51
5,3,2
218
330
1930
0.070
1100
0402AF-560XJLW
56
5
239
360
1900
0.095
1000
0402AF-720XJLW
72
5
311
453
1650
0.100
1000
0402AF-780XJLW
78
5,3,2
344
522
1600
0.130
970
0402AF-101XJLW
100
5,3,2
513
850
1400
0.160
900
0402AF-141XJLW
140
5,3,2
629
949
1220
0.260
630
0402AF-181XJLW
180
5,3,2
832
1270
1150
0.280
560
0402AF-201XJLW
200
5
1110
1890
1000
0.440
400
0402AF-221XJLW
220
5,3,2
1050
1560
1150
0.530
380
0402AF-251XJLW
250
5
1230
1940
900
0.360
520
0402AF-271XJLW
270
5,3,2
1320
1960
860
0.550
360
0402AF-301XJLW
300
5,3,2
1550
2230
860
0.410
420
0402AF-331XJLW
330
5
1850
2880
820
0.560
350
0402AF-361XJLW
360
5
1920
2640
810
0.575
360
0402AF-391XJLW
390
5
2350
2970
760
0.750
300
0402AF-421XJLW
420
5
2270
2800
700
0.700
340
0402AF-471XJLW
470
5,3,2
2680
3010
650
0.730
310
0402AF-561XJLW
560
5,3,2
3620
3110
600
0.920
200
026011F Ferrite
Inductance
Impedance typ (Ohms)
SRF typ
DCR max
I
rms
Part number
±5% (nH)
900 MHz 1.7 GHz
(MHz)
(Ohms)
(mA)
026011F-270XJRY
27 @ 7.9 MHz
135
260
3900
0.125
480
026011F-720XJRY
72 @ 7.9 MHz
380
750
2600
0.460
210
026011F-101XJRY
100 @ 7.9 MHz
470
900
2300
0.570
200
026011F-151XJRY
150 @ 7.9 MHz
850
1900
1800
0.680
190
026011F-271XJRY
270 @ 7.9 MHz
1500
4700
1600
1.30
130
026011F-431XJRY
430 @ 7.9 MHz
2700
8600
1100
2.10
100
026011F-561XJRY
560 @ 7.9 MHz
4500
7500
1000
3.10
90
026011C
Inductance
SRF typ
DCR max
I
rms
1.7 GHz
Part number
±5% (nH)
(GHz)
(Ohms)
(mA)
L typ Q typ
026011C-N75XJRY
0.75 @ 250 MHz
34.0
0.060
850
0.73 54
026011C-1N7XJRY
1.7 @ 250 MHz
34.0
0.060
850
1.67 60
026011C-3N0XJRY
3.0 @ 250 MHz
13.7
0.083
610
2.95 66
026011C-4N7XJRY
4.7 @ 250 MHz
11.6
0.110
520
4.63 69
026011C-5N1XJRY
5.1 @ 250 MHz
10.3
0.005
540
10.3 120
026011C-5N6XJRY
5.6 @ 250 MHz
9.60
0.130
470
5.57 65
026011C-6N2XJRY
6.2 @ 250 MHz
9.90
0.130
470
6.14 66
026011C-6N8XJRY
6.8 @ 250 MHz
8.70
0.135
460
6.77 68
026011C-7N5XJRY
7.5 @ 250 MHz
8.55
0.155
430
7.48 66
026011C-8N2XJRY
8.2 @ 250 MHz
7.75
0.240
360
8.18 67
026011C-9N0XJRY
9 @ 250 MHz
8.00
0.155
440
8.97 68
026011C-10NXJRY
10 @ 250 MHz
7.50
0.190
390
10.0 67
026011C-11NXJRY
11 @ 250 MHz
6.60
0.280
320
11.1 61
026011C-12NXJRY
12 @ 250 MHz
6.25
0.370
260
11.2 58
026011C-15NXJRY
15 @ 250 MHz
5.15
0.415
260
15.4 57
026011C-16NXJRY
16 @ 250 MHz
5.45
0.315
300
16.5 58
026011C-18NXJRY
18 @ 250 MHz
4.75
0.460
250
18.7 58
026011C-20NXJRY
20 @ 250 MHz
5.10
0.420
260
20.7 57
026011C-22NXJRY
22 @ 250 MHz
4.67
0.540
240
22.8 59
026011C-24NXJRY
24 @ 250 MHz
4.50
0.460
250
24.9 64
026011C-27NXJRY
27 @ 250 MHz
4.30
0.505
240
27.9 64
026011C-30NXJRY
30 @ 250 MHz
4.35
0.800
190
31.7 56
026011C-33NXJRY
33 @ 250 MHz
4.00
0.710
200
35.7 52
026011C-36NXJRY
36 @ 250 MHz
3.89
1.08
160
39.0 51
026011C-39NXJRY
39 @ 250 MHz
3.75
1.00
175
42.0 51
026011C-43NXJRY
43 @ 250 MHz
3.55
1.00
170
47.4 48
026011C-56NXJRY
56 @ 250 MHz
3.20
1.46
140
60.6 63
026011C-68NXJRY
68 @ 250 MHz
2.85
1.92
120
81.5 42
026011C-75NXJRY
75 @ 250 MHz
2.75
2.60
100
—
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com