Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C310 Datasheet(PDF) 52 Page - Coilcraft lnc.

Part # C310
Description  MAGNETICS FOR RF, POWER,FILTER AND DATA APPLICATIONS
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

C310 Datasheet(HTML) 52 Page - Coilcraft lnc.

Back Button C310 Datasheet HTML 48Page - Coilcraft lnc. C310 Datasheet HTML 49Page - Coilcraft lnc. C310 Datasheet HTML 50Page - Coilcraft lnc. C310 Datasheet HTML 51Page - Coilcraft lnc. C310 Datasheet HTML 52Page - Coilcraft lnc. C310 Datasheet HTML 53Page - Coilcraft lnc. C310 Datasheet HTML 54Page - Coilcraft lnc. C310 Datasheet HTML 55Page - Coilcraft lnc. C310 Datasheet HTML 56Page - Coilcraft lnc. Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 60 page
background image
52
www.coilcraft.com US +1-847-639-6400 Europe +44-1236-730595
Coilcraft offers EMI/RFI common mode chokes for the suppression of radiated and/or conducted EMI. Data/signal line
filters such as our
USB Family dramatically suppress common mode noise with minimal impact on high-speed differential
signals.The
PFD, LPD and MSD parts can be used to attenuate common-mode or differential-mode noise in both data
and power line applications. Power line chokes like the
CMT and BU Series reduce common mode noise from AC power.
Dimensions (inches mm)
Series
A max
B max
C max
D ref
E typ
F
G
1812CAN
0.195 4,95
0.125 3,18
0.118 3,0
0.028 0,71
CJ5100-AL
0.370 9,4
0.236 6,0
0.189 4,8
CQ7584-AL
0.370 9,4
0.220 5,6
0.189 4,8
CR7856-AL
0.370 9,4
0.217 5,5
0.193 4,9
DFT4532
0.123 3,095 0.134 3,4
0.126 3,4
0.016 0,40
0.020 0,50
0.012 0,30
0.087 2,20
DFT7160
0.370 9,4
0.220 5,6
0.193 4,9
M2022-ALC
0.195 4,95
0.150 3,81
0.135 3,43
0.030 0,76
0.040 1,02
0.070 1,78
M2022-ALPLC
0.195 4,95
0.150 3,81
0.079 2,01
0.030 0,76
0.040 1,02
0.070 1,78
M2022-ASLC
0.231 5,87
0.196 4,98
0.150 3,81
0.030 0,76
0.040 1,02
0.107 2,72
PDLF
0.329 8,35
0.223 5,65
0.146 3,70
0.020 0,50
0.395 1,00
0.050 1,27
PTRF
0.329 8,35
0.223 5,65
0.146 3,70
0.020 0,50
0.395 1,00
0.050 1,27
Data Line Common Mode EMI Chokes
CJ5100, CQ7584, CR7856
Common mode
Cutoff
peak impedance
frequency
Inductance (mH) DCR max Isolation Irms
Part number
max (kOhms)
(MHz)
nom
min
(Ohms)
(Vrms)
(mA)
CJ5100-AL
4.49 @ 9.9 MHz
920
0.47
0.329
0.24
500
850
CQ7584-AL
6.81 @ 4.1 MHz
760
2.20
1.54
0.40
500
650
CR7856-AL
11.11 @ 1.9 MHz
460
4.70
3.29
1.3
500
470
M2022
Common mode
Cutoff
impedance
frequency
Inductance
DCR max Isolation Current
Part number
max (kOhms)
(MHz)
min (µH)
(mOhms)
(Vrms)
(mA)
M2022-ALC
38.3 @ 120 MHz
170
4.2 ±10%
800
50
500
M2022-ALPLC
40.0 @ 160 MHz
120
4.0 ±10%
990
50
500
M2022-ASLC
32.0 @ 66 MHz
140
11.5
850
50
500
The
CJ5100, CQ7584, and CR7856 surface mount data line common mode chokes are designed to attenuate up to
100 MHz common mode noise. The
PDLF Series can reduce noise by a factor of 32 from 15 MHz to 300 MHz and are
available in 2, 3 and 4 line versions. The
PTRF Series is optimized for FCC and ITU-T (formerly CCITT) requirements.
These parts provide 15 to 25 dB attenuation, greater than 1000 Ohms impedance and 1500 V isolation between
windings.
M2022 can suppress common mode noise up to 500 MHz in a compact 1812 package.
DFT7160
Common mode
Cutoff
impedance
frequency
Inductance
DCR max Isolation Irms
Part number
max (kOhms)
(MHz)
min (mH)
(Ohms)
(Vrms)
(mA)
DFT7160-513SLC 3.97 @ 69 MHz
25
0.0357
0.300
250
700
DFT7160-513BLC 4.00 @ 55 MHz
570
0.0357
0.300
250
700
DFT7160-474BLC 2.42 @ 7.5 MHz
410
0.329
0.210
250
1000
DFT7160-105BLC 3.12 @ 6.0 MHz
420
0.700
0.210
250
900
DFT7160-225BLC 6.66 @ 4.7 MHz
670
1.54
0.500
250
600
DFT7160-475BLC 13.47 @ 3.0 MHz
440
3.29
0.600
250
500
M2022 Series
1812CAN
1812CAN
Inductance
DCR max
Isolation
I
rms
Part number
±30% (µH)
(Ohms)
(Vrms)
(mA)
1812CAN-113NRC 11
0.27
250
460
1812CAN-223NRC 22
0.40
250
400
1812CAN-513NRC 51
0.59
250
300
1812CAN-104NRC 100
0.80
250
260
DFT4532
Common mode
Cutoff
impedance
frequency Inductance (mH) DCR max Isolation Irms
Part number
max (kOhms)
(MHz)
nom
min
(Ohms)
(Vrms)
(mA)
DFT4532-513BLC 2.01 @ 61 MHz
670
0.051
0.0357
0.320
250
370
DFT4532-513SLC 1.92 @ 99 MHz
28
0.051
0.0357
0.320
250
370
DFT4532-104BLC 0.64 @ 9.7 MHz
900
0.100
0.070
0.200
250
500
DFT4532-224BLC 1.40 @ 13 MHz
650
0.220
0.154
0.270
250
400
DFT4532-334BLC 1.96 @ 9.6 MHz
520
0.330
0.231
0.320
250
370
DFT4532-474BLC 3.04 @ 9.6 MHz
490
0.470
0.329
0.380
250
350
NEW!
PDLF / PTRF Series
CJ5100, CQ7584, CR7856, DFT7160
A
B
C
DFT4532
A
C
B
D
F
E
G
PDLF
Common mode
Cutoff
peak impedance
frequency Inductance DCR max Isolation Current
Part number Lines (kOhms)
(GHz)
min (µH)
(mOhms) (Vrms)
(mA)
PDLF4000LC
4
0.949 @ 210 MHz
1.1
5.0
250
300
100
PDLF4500LC
4
0.848 @ 200 MHz
0.88
5.0
200
300
500
PDLF3000LC
3
0.901 @ 280 MHz
1.4
5.0
250
300
100
PDLF3500LC
3
0.910 @ 210 MHz
1.1
5.0
200
300
500
PDLF2000LC
2
0.958 @ 280 MHz
1.3
5.0
250
300
100
PDLF2500LC
2
0.929 @ 250 MHz
1.2
5.0
200
300
500
PTRF
Common mode
Cutoff
peak impedance
frequency Inductance DCR max Isolation Current
Part number Lines (kOhms)
(MHz)
min (µH)
(mOhms)
(Vrms)
(mA)
PTRF2000LC
1
0.814 @ 11 MHz
38
35
75
1500
500
PTRF4000LC
2
0.851 @ 12 MHz
41
35
135
1500
500
Common Mode EMI/RFI Filters



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com