Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA8366 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # TDA8366
Description  I2C-bus controlled PAL/NTSC TV processor
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8366 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button TDA8366 Datasheet HTML 9Page - NXP Semiconductors TDA8366 Datasheet HTML 10Page - NXP Semiconductors TDA8366 Datasheet HTML 11Page - NXP Semiconductors TDA8366 Datasheet HTML 12Page - NXP Semiconductors TDA8366 Datasheet HTML 13Page - NXP Semiconductors TDA8366 Datasheet HTML 14Page - NXP Semiconductors TDA8366 Datasheet HTML 15Page - NXP Semiconductors TDA8366 Datasheet HTML 16Page - NXP Semiconductors TDA8366 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 48 page
background image
January 1995
13
Philips Semiconductors
Objective specification
I2C-bus controlled PAL/NTSC TV
processor
TDA8366
INPUT CONTROL BITS
Table 3
Source select 1
Table 4
Source select 2
Table 5
Phase 1 (
ϕ1) time constant
Note
1. X = don’t care.
Table 6
Crystal indication
INA
INB
DECODER AND TXT
0
0
CVBSINT
0
1
CVBSEXT
1
0
S-VHS
1
1
S-VHS (CVBSEXT)
INC
IND
PIP
0
0
CVBSINT
0
1
CVBSEXT
1
0
S-VHS
1
1
S-VHS (CVBSEXT)
FOA
FOB(1)
MODE
0
0
normal
0
1
slow
1
X
fast
XA
XB
CRYSTAL
0
0
two 3.6 MHz
0
1
one 3.6 MHz (pin 32)
1
0
one 4.4 MHz (pin 33)
1
1
3.6 MHz (pin 32) and 4.4 MHz
(pin 33)
Table 7
Forced field frequency
Note
1. When the forced mode is selected the divider will only
switch to that position when the horizontal oscillator is
not synchronized.
Table 8
Interlace
Table 9
Standby
Table 10 Synchronization mode
Table 11 Colour decoder mode
FORF
FORS
FIELD FREQUENCY
0
0
auto (60 Hz when line not
synchronized)
0
1
60 Hz; note 1
1
0
50 Hz; note 1
1
1
auto (50 Hz when line not
synchronized)
DL
STATUS
0
interlace
1
de-interlace
STB
MODE
0
standby
1
normal
POC
MODE
0
active
1
not active
CM2
CM1
CM0
DECODER MODE
0
0
0
not forced, own intelligence
0
0
1
forced NTSC 3.6 MHz
0
1
0
forced PAL 4.4 MHz
0
1
1
forced SECAM
1
0
0
forced NTSC 4.4 MHz
1
0
1
forced PAL 3.6 MHz (pin 32)
1
1
0
forced PAL 3.6 MHz (pin 33)
1
1
1
no function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com