Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA8366 Datasheet(PDF) 18 Page - NXP Semiconductors

Part # TDA8366
Description  I2C-bus controlled PAL/NTSC TV processor
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8366 Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button TDA8366 Datasheet HTML 14Page - NXP Semiconductors TDA8366 Datasheet HTML 15Page - NXP Semiconductors TDA8366 Datasheet HTML 16Page - NXP Semiconductors TDA8366 Datasheet HTML 17Page - NXP Semiconductors TDA8366 Datasheet HTML 18Page - NXP Semiconductors TDA8366 Datasheet HTML 19Page - NXP Semiconductors TDA8366 Datasheet HTML 20Page - NXP Semiconductors TDA8366 Datasheet HTML 21Page - NXP Semiconductors TDA8366 Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 48 page
background image
January 1995
18
Philips Semiconductors
Objective specification
I2C-bus controlled PAL/NTSC TV
processor
TDA8366
VIDEO AMPLIFIER OUTPUT (CONTINUED)
Nclamp
noise inverter clamping level
−
1.4
−
V
Nins
noise inverter insertion level
(identical to black level)
−
2.6
−
V
δmod
intermodulation
notes 6 and 8
blue
Vo = 0.92 or 1.1 MHz
60
66
−
dB
Vo = 2.66 or 3.3 MHz
60
66
−
dB
yellow
Vo = 0.92 or 1.1 MHz
56
62
−
dB
Vo = 2.66 or 3.3 MHz
60
66
−
dB
S/N
signal-to-noise ratio
notes 6 and 9
Vi =10mV
52
60
−
dB
end of control range
52
61
−
dB
V4
residual carrier signal
note 6
−
5.5
−
mV
V4
residual 2nd harmonic of carrier
signal
note 6
−
2.5
−
mV
IF AND TUNER AGC; note 10
timing of IF-AGC with a 2.2
µF capacitor (pin 51)
modulated video interference
30% AM for 1 mV to 100 mV;
0 to 200 Hz (system B/G)
−−
10
%
tinc
response time to an IF input
signal amplitude increase of
52 dB
positive and negative
modulation
−
2
−
ms
tdec
response to an IF input signal
amplitude decrease of 52 dB
negative modulation
−
50
−
ms
positive modulation
−
100
−
ms
IL
allowed leakage current of the
AGC capacitor
negative modulation
−−
10
µA
positive modulation
−−
200
nA
Tuner take-over adjustment (via I2C-bus)
V51min(rms)
minimum starting level for tuner
take-over (RMS value)
−
0.4
0.8
mV
V51max(rms)
maximum starting level for tuner
take-over (RMS value)
40
80
−
mV
Tuner control output (pin 52)
V52max
maximum tuner AGC output
voltage
maximum tuner gain; note 2
−−
VP +1
V
V52(sat)
output saturation voltage
minimum tuner gain;
I47 =2mA
−−
300
mV
I52max
maximum tuner AGC output
swing
5
−−
mA
IL
leakage current RF AGC
−−
1
µA
∆V
i
input signal variation for
complete tuner control
0.5
2
4
dB
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com