Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA8366 Datasheet(PDF) 19 Page - NXP Semiconductors

Part # TDA8366
Description  I2C-bus controlled PAL/NTSC TV processor
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8366 Datasheet(HTML) 19 Page - NXP Semiconductors

Back Button TDA8366 Datasheet HTML 15Page - NXP Semiconductors TDA8366 Datasheet HTML 16Page - NXP Semiconductors TDA8366 Datasheet HTML 17Page - NXP Semiconductors TDA8366 Datasheet HTML 18Page - NXP Semiconductors TDA8366 Datasheet HTML 19Page - NXP Semiconductors TDA8366 Datasheet HTML 20Page - NXP Semiconductors TDA8366 Datasheet HTML 21Page - NXP Semiconductors TDA8366 Datasheet HTML 22Page - NXP Semiconductors TDA8366 Datasheet HTML 23Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 48 page
background image
January 1995
19
Philips Semiconductors
Objective specification
I2C-bus controlled PAL/NTSC TV
processor
TDA8366
AFC OUTPUT (VIA I2C-BUS); note 11
RES
AFC resolution
−
2
−
bits
Wsen
window sensitivity
65
80
100
kHz
WsenL
window sensitivity in large
window mode
195
240
300
kHz
fos
AFC offset
note 6
−−
50
kHz
VIDEO IDENTIFICATION OUTPUT (VIA I2C-BUS)
td
delay time of identification after
the AGC has stabilized on a
new transmitter
−−
10
ms
CVBS and S-VHS input switch
INTERNAL AND EXTERNAL CVBS INPUTS (PINS 11 AND 15)
V11(p-p)
CVBS input voltage
(peak-to-peak value)
note 12
−
1.0
1.4
V
I11
CVBS input current
−
4
−µA
SSCVBS
suppression of non-selected
CVBS input signal
notes 6 and 13
50
−−
dB
S-VHS INPUT (PINS 8 AND 9)
V9(p-p)
luminance input voltage
(peak-to-peak value)
−
1.0
1.4
V
I9(p-p)
luminance input current
−
4
−µA
V8
chrominance input voltage
(burst amplitude)
note 14
−
0.3
0.45
V
I8
chrominance input current
−
4
−µA
TXT AND PIP OUTPUT SIGNALS (PINS 36 AND 13)
Vo(p-p)
output signal amplitude
(peak-to-peak value)
−
1.0
−
V
Zo
output impedance
−−
250
Ω
VTS
top sync level
−
2.5
−
V
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com