Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA8366 Datasheet(PDF) 20 Page - NXP Semiconductors

Part # TDA8366
Description  I2C-bus controlled PAL/NTSC TV processor
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8366 Datasheet(HTML) 20 Page - NXP Semiconductors

Back Button TDA8366 Datasheet HTML 16Page - NXP Semiconductors TDA8366 Datasheet HTML 17Page - NXP Semiconductors TDA8366 Datasheet HTML 18Page - NXP Semiconductors TDA8366 Datasheet HTML 19Page - NXP Semiconductors TDA8366 Datasheet HTML 20Page - NXP Semiconductors TDA8366 Datasheet HTML 21Page - NXP Semiconductors TDA8366 Datasheet HTML 22Page - NXP Semiconductors TDA8366 Datasheet HTML 23Page - NXP Semiconductors TDA8366 Datasheet HTML 24Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 48 page
background image
January 1995
20
Philips Semiconductors
Objective specification
I2C-bus controlled PAL/NTSC TV
processor
TDA8366
RGB inputs, colour difference inputs, luminance inputs and outputs
RGB INPUTS (PINS 21, 22 AND 23)
V21,22,23(p-p)
input signal amplitude for an
output signal of 2 V
(black-to-white) (peak-to-peak
value)
note 15
−
0.7
0.8
V
V21,22,23(p-p)
input signal amplitude before
clipping occurs (peak-to-peak
value)
note 6
1.0
−−
V
∆V
o
difference between black level
of internal and external signals
at the outputs
−−
20
mV
I21,22,23
input currents
no clamping; note 2
−−
0.5
µA
∆t
d
delay difference for the three
channels
note 6
−
020
ns
FAST BLANKING (PIN 24)
Vi
input voltage
no data insertion
−−
0.4
V
data insertion
0.9
−−
V
V24(max)
maximum input pulse
insertion
−−
3.0
V
td
delay time from RGB in to
RGB out
data insertion; note 6
−
100
−
ns
∆td
delay difference between
insertion to RGB out and
RGB in to RGB out
data insertion; note 6
−
50
−
ns
I24
input current
−−
0.2
mA
SSint
suppression of internal RGB
signals
notes 6 and 12; insertion;
fi = 0 to 5 MHz
55
−−
dB
SSext
suppression of external RGB
signals
notes 6 and 12; no insertion;
fi = 0 to 5 MHz
55
−−
dB
VI
input voltage to blank the RGB
outputs to facilitate ‘On Screen
Display’ signals being applied to
the outputs
4
−−
V
COLOUR DIFFERENCE INPUT SIGNALS (PINS 29 AND 30)
V30(p-p)
input signal amplitude (R
−Y)
(peak-to-peak value)
note 2
−
1.05
−
V
V29(p-p)
input signal amplitude (B
−Y)
(peak-to-peak value)
note 2
−
1.35
−
V
I29,30
input current for both inputs
note 2
−
0.1
1.0
µA
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com