Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA8366 Datasheet(PDF) 26 Page - NXP Semiconductors

Part # TDA8366
Description  I2C-bus controlled PAL/NTSC TV processor
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8366 Datasheet(HTML) 26 Page - NXP Semiconductors

Back Button TDA8366 Datasheet HTML 22Page - NXP Semiconductors TDA8366 Datasheet HTML 23Page - NXP Semiconductors TDA8366 Datasheet HTML 24Page - NXP Semiconductors TDA8366 Datasheet HTML 25Page - NXP Semiconductors TDA8366 Datasheet HTML 26Page - NXP Semiconductors TDA8366 Datasheet HTML 27Page - NXP Semiconductors TDA8366 Datasheet HTML 28Page - NXP Semiconductors TDA8366 Datasheet HTML 29Page - NXP Semiconductors TDA8366 Datasheet HTML 30Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 48 page
background image
January 1995
26
Philips Semiconductors
Objective specification
I2C-bus controlled PAL/NTSC TV
processor
TDA8366
DEMODULATORS (PINS 27 AND 28)
V28(p-p)
(R
−Y) output signal amplitude
(peak-to-peak value)
note 26
−
0.525
−
V
V27(p-p)
(B
−Y) output signal amplitude
(peak-to-peak value)
note 26
−
0.675
−
V
G
gain between both
demodulators G(B
−Y) and
G(R
−Y)
1.60
1.78
1.96
∆V
spread of signal amplitude ratio
PAL/NTSC
note 6
−1
−
+1
dB
Zo
output impedance (R
−Y)/(B−Y)
output
note 6
−
500
−Ω
B
bandwidth of demodulators
−3 dB; note 27
−
650
−
kHz
V27,28(p-p)
residual carrier output
(peak-to-peak value)
f=fosc; (R−Y) output
5
mV
f=fosc; (B−Y) output
−−
5mV
f=2fosc; (R−Y) output
5
mV
f=2fosc; (B−Y) output
−−
5mV
V28(p-p)
H/2 ripple at (R
−Y) output
(peak-to-peak value)
−−
25
mV
∆V
o/∆T
change of output signal
amplitude with temperature
note 6
−
0.1
−
%/K
∆V
o/∆VP
change of output signal
amplitude with supply voltage
note 6
−−±0.1
dB
ϕ
e
phase error in the demodulated
signals
−−±5
deg
COLOUR DIFFERENCE MATRICES IN CONTROL CIRCUIT
PAL or (SECAM mode with TDA8395); (R
−Y) and (B−Y) not affected
(G
−Y)/(R−Y) ratio of demodulated signals
−−0.51
±10%
−
(G
−Y)/(B−Y) ratio of demodulated signals
−−0.19
±25%
−
NTSC mode; the colour-difference matrix results in the following signals (nominal hue setting)
(B
−Y)
(B
−Y) signal
(B
−Y)
(R
−Y)
(R
−Y) signal
1.39(R
−Y) − 0.07(B−Y)
(G
−Y)
(G
−Y) signal
−0.46(R−Y) − 0.15(B−Y)
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com