Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA8366 Datasheet(PDF) 29 Page - NXP Semiconductors

Part # TDA8366
Description  I2C-bus controlled PAL/NTSC TV processor
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8366 Datasheet(HTML) 29 Page - NXP Semiconductors

Back Button TDA8366 Datasheet HTML 25Page - NXP Semiconductors TDA8366 Datasheet HTML 26Page - NXP Semiconductors TDA8366 Datasheet HTML 27Page - NXP Semiconductors TDA8366 Datasheet HTML 28Page - NXP Semiconductors TDA8366 Datasheet HTML 29Page - NXP Semiconductors TDA8366 Datasheet HTML 30Page - NXP Semiconductors TDA8366 Datasheet HTML 31Page - NXP Semiconductors TDA8366 Datasheet HTML 32Page - NXP Semiconductors TDA8366 Datasheet HTML 33Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 48 page
background image
January 1995
29
Philips Semiconductors
Objective specification
I2C-bus controlled PAL/NTSC TV
processor
TDA8366
Notes
1. On set AGC.
2. This parameter is not tested during production and is just given as application information for the designer of the
television receiver.
3. Measured at 10 mV (RMS) top sync input signal.
4. So called projected zero point, i.e. with switched demodulator.
5. Measured in accordance with the test line given in Fig.10. For the differential phase test the peak white setting is
reduced to 87%.
a) The differential gain is expressed as a percentage of the difference in peak amplitudes between the largest and
smallest value relative to the subcarrier amplitude at blanking level.
b) The phase difference is defined as the difference in degrees between the largest and smallest phase angle.
6. This parameter is not tested during production but is guaranteed by the design and qualified by means of matrix
batches which are made in the pilot production period.
7. This figure is valid for the complete video signal amplitude (peak white-to-black), see Fig.11.
8. The test set-up and input conditions are given in Fig.12. The figures are measured with an input signal of
10 mV RMS.
9. Measured with a source impedance of 75
Ω, where:
10. To obtain a good noise immunity of the AGC circuit the AGC detector is gated during the sync pulse. This gating is
switched-off during the vertical retrace to avoid disturbances of the signal amplitude due to phase errors of the
incoming video signal which are caused by the head-switching of VCRs.
BEAM CURRENT LIMITING (PIN 20); note 28
VCR
contrast reduction starting
voltage
−
4
−
V
VdiffCR
voltage difference for full
contrast reduction
−
2
−
V
VBR
brightness reduction starting
voltage
−
3
−
V
VdiffBR
voltage difference for full
brightness reduction
−
2
−
V
Vbias
internal bias voltage
−
4.5
−
V
Ich(int)
internal charge current
−
40
−µA
Idisch
discharge current due to
‘peak-white limiting’
−
200
−µA
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
S/N = 20 log
V
O (black-to-white)
V
m rms
() B= 5 MHz
()
---------------------------------------------------------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com