Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6382D Datasheet(PDF) 8 Page - STMicroelectronics

Part # L6382D
Description  Power management unit for microcontrolled ballast
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6382D Datasheet(HTML) 8 Page - STMicroelectronics

Back Button L6382D Datasheet HTML 4Page - STMicroelectronics L6382D Datasheet HTML 5Page - STMicroelectronics L6382D Datasheet HTML 6Page - STMicroelectronics L6382D Datasheet HTML 7Page - STMicroelectronics L6382D Datasheet HTML 8Page - STMicroelectronics L6382D Datasheet HTML 9Page - STMicroelectronics L6382D Datasheet HTML 10Page - STMicroelectronics L6382D Datasheet HTML 11Page - STMicroelectronics L6382D Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
Electrical characteristics
L6382D
8/22
Symbol
Pin
Parameter
Test condition
Min
Typ
Max
Unit
LSG, HEG & PFG drivers
VOH(LS)
5, 9
HIGH Output
Voltage
ILSG = IPFG = 10mA
12.5
V
17
IHEG = 2.5mA
VOL(LS)
5, 9
LOW Output
Voltage
ILSG=IPFG=10mA
0.5
V
17
IHEG = 2.5mA
Source Current
Capability
LSG and PFG
120
mA
HEG
50
mA
Sink Current
Capability
LSG
120
mA
HEG
70
PFG
250
TRISE
Rise time
LSG
115
ns
HEG
300
ns
PFG
60
ns
TFALL
Fall time
LSG
75
ns
HEG
110
ns
PFG
40
ns
TDELAY
Propagation delay
(input to output)
LSG; high to low and low
to high
300
ns
HEG; high to low and low
to high
200
ns
PFG; high to low
250
ns
PFG; low to high
200
ns
RB
Pull down Resistor
LSG
20
K
Ω
HEG
50
K
Ω
PFG
10
K
Ω
HSG driver (voltages referred to OUT)
VOH(HS)
12
HIGH Output
Voltage
IHSG = 10 mA
12.5
V
VOL(HS)
12
LOW Output
Voltage
IHSG = 10 mA
0.5
V
12
Sink Current
Capability
120
mA
12
Source Current
Capability
120
mA
TRISE
12
Rise time
Cload = 1nF
115
ns
TFALL
12
Fall time
Cload = 1nF
75
ns
Table 4. Electrical characteristcs (TJ = 25°C, VCC = 13V, CDRIVER = 1nF
unless otherwise specified) (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com