Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6382D Datasheet(PDF) 9 Page - STMicroelectronics

Part # L6382D
Description  Power management unit for microcontrolled ballast
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6382D Datasheet(HTML) 9 Page - STMicroelectronics

Back Button L6382D Datasheet HTML 5Page - STMicroelectronics L6382D Datasheet HTML 6Page - STMicroelectronics L6382D Datasheet HTML 7Page - STMicroelectronics L6382D Datasheet HTML 8Page - STMicroelectronics L6382D Datasheet HTML 9Page - STMicroelectronics L6382D Datasheet HTML 10Page - STMicroelectronics L6382D Datasheet HTML 11Page - STMicroelectronics L6382D Datasheet HTML 12Page - STMicroelectronics L6382D Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
L6382D
Electrical characteristics
9/22
Symbol
Pin
Parameter
Test condition
Min
Typ
Max
Unit
TDELAY
12
Propagation delay
(LGI to LSG)
high to low and low to
high
300
ns
RB
12
Pull down Resistor
to OUT
20
K
Ω
High-side floating gate-driver supply
ILKBOOT
11
VBOOT pin leakage
current
VBOOT = 580V
5µA
ILKOUT
13
OUT pin leakage
current
VOUT = 562V
5µA
RDS(on)
Synchronous
bootstrap
diode on-
resistance
VLVG = HIGH
150
W
Forward Voltage
Drop
at 10 mA forward current
2.4
V
Forward Current
at 5V forward voltage
drop
20
mA
VREF
VREF
20
Reference voltage
15mA load.
3.267
3.3
3.366
V
20
Load regulation
IRef = -3 to +30 mA
-20
2
mV
20
Voltage change
15mA load; Vcc = 9V to
15V
15
mV
20
VREF latched
protection
2V
20
VREF Clamp
@3mA
VCC from 0 to VCCON
during start-up;Vcc from
VREF(OFF) to 0 during
shut-down; Vref <2V
1.2
1.4
V
IREF
20
Current Drive
Capability
-3
+30
mA
Save mode
-3
+10
mA
Overcurrent buffer stage
VCSI
19
Comparator Level
0.537
0.56
0.582
V
ICSI
19
Input Bias Current
500
nA
Propagation delay
CSO turn off to LSG low
200
ns
18
High output voltage I CSO= 200µA
VREF-
0.5V
18
Low output voltage I CSO = -150µA
0.5
V
Table 4. Electrical characteristcs (TJ = 25°C, VCC = 13V, CDRIVER = 1nF
unless otherwise specified) (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com