Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6382D Datasheet(PDF) 17 Page - STMicroelectronics

Part # L6382D
Description  Power management unit for microcontrolled ballast
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6382D Datasheet(HTML) 17 Page - STMicroelectronics

Back Button L6382D Datasheet HTML 13Page - STMicroelectronics L6382D Datasheet HTML 14Page - STMicroelectronics L6382D Datasheet HTML 15Page - STMicroelectronics L6382D Datasheet HTML 16Page - STMicroelectronics L6382D Datasheet HTML 17Page - STMicroelectronics L6382D Datasheet HTML 18Page - STMicroelectronics L6382D Datasheet HTML 19Page - STMicroelectronics L6382D Datasheet HTML 20Page - STMicroelectronics L6382D Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
L6382D
Block description
17/22
7.3
Drivers
●
LSD (Low Side Driver): it consists of a level shifter from 3.3V logic signal (LSI) to Vcc
MOS driving level; conceived for the half-bridge low-side power MOS, it is able to
source and sink 120mA (min).
●
HSD (Level Shifter and High Side Driver): it consists of a level shifter from 3.3V logic
signal (HGI) to the high side gate driver input up to 600V. Conceived for the half-bridge
high-side power MOS, the HSG is able to source and sink 120mA.
●
PFD (Power Factor Driver): it consists of a level shifter from 3.3V logic signal (PFI) to
Vcc MOS driving level: the driver is able to source 120mA from Vcc to PFG (turn-on)
and to sink 250mA to GND (turn-off); it is suitable to drive the MOS of the PFC pre-
regulator stage.
●
HED (Heat Driver): it consists of a level shifter from 3.3V logic signal (HEI) to Vcc MOS
driving level; the driver is able to source 30mA from Vcc to HEG and to sink 75mA to
GND and it is suitable for the filament heating when they are supplied by independent
winding.
●
Bootstrap Circuit: it generates the supply voltage for the high side Driver (HSD).
A patented integrated bootstrap section replaces an external bootstrap diode. This
section together with a bootstrap capacitor provides the bootstrap voltage to drive the
high side power MOSFET. This function is achieved using a high voltage DMOS driver
which is driven synchronously with the low side external power MOSFET. For a safe
operation, current flow between BOOT pin and Vcc is always inhibited, even though
ZVS operation may not be ensured.
7.4
Internal logic, over current protection (OCP) and interlocking
function
The DIM (Digital Input Monitor) block manages the input signals delivered to the drivers
ensuring that they are low during the described start-up procedure; the DIM block controls
the L6382D behaviour during both save and operating modes.
When the voltage on pin CSI overcomes the internal reference of 0.5V (typ.) the block
latches the fault condition: in this state the OCP block forces low both HSG and LSG signals
while CSO will be forced high. This condition remains latched until LSI and HSI are
simultaneously low and CSI is below 0.5V.
This function is suitable to implement an over current protection or hard-switching detection
by using an external sense resistor.
As the voltage on pin CSI can go negative, the current must be limited below 2mA by
external components.
Another feature of the DIM block is the internal interlocking that avoids cross-conduction in
the half-bridge FET's: if by chance both HGI and LGI input's are brought high at the same
time, then LSG and HSG are forced low as long as this critical condition persists.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com