Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6382D Datasheet(PDF) 12 Page - STMicroelectronics

Part # L6382D
Description  Power management unit for microcontrolled ballast
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6382D Datasheet(HTML) 12 Page - STMicroelectronics

Back Button L6382D Datasheet HTML 8Page - STMicroelectronics L6382D Datasheet HTML 9Page - STMicroelectronics L6382D Datasheet HTML 10Page - STMicroelectronics L6382D Datasheet HTML 11Page - STMicroelectronics L6382D Datasheet HTML 12Page - STMicroelectronics L6382D Datasheet HTML 13Page - STMicroelectronics L6382D Datasheet HTML 14Page - STMicroelectronics L6382D Datasheet HTML 15Page - STMicroelectronics L6382D Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
Application information
L6382D
12/22
6
Application information
6.1
Power management
The L6382D has two stable states (SAVE MODE and OPERATING MODE) and two
additional states that manage the Start-up and fault conditions (Figure 10): the Over Current
Protection is a parallel asynchronous process enabled when in operating mode.
Following paragraphs will describe each mode and the condition necessary to shift between
them.
Figure 10. State diagram
6.1.1
START-UP mode
With reference to the timing diagram of figure 11, when power is first applied to the
converter, the voltage on the bulk capacitor builds up and the HV generator is enabled to
operate drawing about 10mA. This current, diminished by the IC consumption (less than
150
µA), charges the bypass capacitor connected between pin Vcc and ground and makes
its voltage rise almost linear.
During this phase, all IC's functions are disabled except for:
●
the current sinking circuit on VREF pin that maintains low the voltage by keeping
disabled the microcontroller connected to this pin;
●
the High-Voltage Start-Up (HVSU) that is ON (conductive) to charge the external
capacitor on pin Vcc.
As the Vcc voltage reaches the start-up threshold (14V typ.) the chip starts operating and
the HV generator is switched off.
SAVE MODE
OPERATING
MODE
SHUT DOWN
V
CC>VCC(ON)
V
CC<VREF(OFF)
V
REF>3V
&
T
ED>10µs
LGI low
for more
than 100
µs
START-UP
V
CC < VCC(OFF)
or
V
REF<2V
V
CC<VCC(ON)
V
CC<VREF(OFF)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com