Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6382D Datasheet(PDF) 4 Page - STMicroelectronics

Part # L6382D
Description  Power management unit for microcontrolled ballast
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6382D Datasheet(HTML) 4 Page - STMicroelectronics

  L6382D Datasheet HTML 1Page - STMicroelectronics L6382D Datasheet HTML 2Page - STMicroelectronics L6382D Datasheet HTML 3Page - STMicroelectronics L6382D Datasheet HTML 4Page - STMicroelectronics L6382D Datasheet HTML 5Page - STMicroelectronics L6382D Datasheet HTML 6Page - STMicroelectronics L6382D Datasheet HTML 7Page - STMicroelectronics L6382D Datasheet HTML 8Page - STMicroelectronics L6382D Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
Pin settings
L6382D
4/22
2
Pin settings
2.1
Pin connection
Figure 3.
Pin connection (top view)
2.2
Pin description
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
PFI
LSI
HSI
HEI
PFG
N.C.
TPR
GND
LSG
VCC
VREF
CSI
CSO
HEG
N.C.
HVSU
N.C.
OUT
HSG
BOOT
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
PFI
LSI
HSI
HEI
PFG
N.C.
TPR
GND
LSG
VCC
VREF
CSI
CSO
HEG
N.C.
HVSU
N.C.
OUT
HSG
BOOT
Table 1. Pin description
Name
Pin N°
Description
1PFI
Digital input signal to control the PFC gate driver. This pin has to be connected
to a TTL compatible signal.
2LSI
Digital input signal to control the half-bridge low side driver. This pin has to be
connected to a TTL compatible signal.
3HSI
Digital input signal to control the half-bridge high side driver. This pin has to be
connected to a TTL compatible signal.
4HEI
Digital input signal to control the HEG output. This pin has to be connected to a
TTL compatible signal.
5PFG
PFC Driver Output. This pin is intended to be connected to the PFC power
MOSFET gate. A resistor connected between this pin and the power MOS gate
can be used to reduce the peak current. An internal 10K
Ω resistor toward
ground avoids spurious and undesired MOSFET turn-on. The totem pole
output stage is able to drive the power MOS with a peak current of 120mA
source and 250mA sink.
6
N.C.
Not connected
7TPR
Input for two point regulator; by coupling the pin with a capacitor to a switching
circuit, it is possible to implement a charge circuit for the Vcc.
8GND
Chip ground. Current return for both the low-side gate-drive currents and the
bias current of the IC. All of the ground connections of the bias components
should be tied to a trace going to this pin and kept separate from any pulsed
current return.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com