Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6382D Datasheet(PDF) 16 Page - STMicroelectronics

Part # L6382D
Description  Power management unit for microcontrolled ballast
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6382D Datasheet(HTML) 16 Page - STMicroelectronics

Back Button L6382D Datasheet HTML 12Page - STMicroelectronics L6382D Datasheet HTML 13Page - STMicroelectronics L6382D Datasheet HTML 14Page - STMicroelectronics L6382D Datasheet HTML 15Page - STMicroelectronics L6382D Datasheet HTML 16Page - STMicroelectronics L6382D Datasheet HTML 17Page - STMicroelectronics L6382D Datasheet HTML 18Page - STMicroelectronics L6382D Datasheet HTML 19Page - STMicroelectronics L6382D Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
Block description
L6382D
16/22
7
Block description
7.1
Supply section
●
µPUVLO (µPower Under Voltage Lock Out): This block controls the power
management of the L6382D ensuring the right current consumption in each operating
state, the correct VREF current capability, the driver enabling and the high-voltage start-
up generator switching.
During Start-up the device sinks the current necessary to charge the external capacitor
on pin VCC from the high voltage bus; in this state the other IC's functions are disabled
and the current consumption of the whole IC is less than 150
µA.
When the voltage on VCC pin reaches VccON, the IC enters the save mode where the
µPUVLO block controls Vcc between VccON and VccSM by switching ON/OFF the
high voltage start-up generator.
●
HVSU (High-Voltage Start-Up generator): a 600V internal MOS transistor structure
controls the Vcc supply voltage during start-up and save mode conditions and it
reduces the power losses during operating Mode by switching OFF the MOS transistor.
The transistor has a source current capability of up to 30mA.
●
TPR (Two Point Regulator) & PWS: during normal mode, the TPR block controls the
PSW switch in order to regulate the IC supply voltage (VCC) to a value in the range
between TPR(ON) and TPR(OFF) by switching ON and OFF the PSW transistor
Figure 11.
–
Vcc > TPRst: the PSW is switched ON immediately;
–
TPR(ON) < Vcc < TPRst: the PSW is switched ON at the following falling edge of
LGI;
–
Vcc < TPR(OFF): the PSW is switched OFF at the following falling edge on LGI.
When the PSW switch is OFF, the diodes build a charge pump structure so that, connecting
the TPR pin to a switching voltage (through a capacitor) it is possible to supply the low
voltage section of the chip without adding any further external component. The diodes and
the switch are designed to withstand a current of at least 200mARMS.
7.2
3.3V reference voltage
This block is used to supply the microcontroller; this source is able to supply 10mA in save
mode and 30mA in operating mode; moreover, during start-up when VREF is not yet
available, an additional circuit is ensures that, even sinking 3mA, the pin voltage doesn't
exceed 1.2V.
The reference is available until Vcc is above VREF(OFF); below that it turns off and the
additional sinking circuit is enabled again.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com