Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA8421 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # TDA8421
Description  Hi-fi stereo audio processor; I2C bus
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8421 Datasheet(HTML) 5 Page - NXP Semiconductors

  TDA8421 Datasheet HTML 1Page - NXP Semiconductors TDA8421 Datasheet HTML 2Page - NXP Semiconductors TDA8421 Datasheet HTML 3Page - NXP Semiconductors TDA8421 Datasheet HTML 4Page - NXP Semiconductors TDA8421 Datasheet HTML 5Page - NXP Semiconductors TDA8421 Datasheet HTML 6Page - NXP Semiconductors TDA8421 Datasheet HTML 7Page - NXP Semiconductors TDA8421 Datasheet HTML 8Page - NXP Semiconductors TDA8421 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
May 1988
5
Philips Semiconductors
Product specification
Hi-fi stereo audio processor; I2C bus
TDA8421
Headphone channel (CH2)
Volume control and balance
The stages for volume control for CH2 consist of two parts
for left and right. In each part the gain can be adjusted
between 0 and
−62 dB in steps of 2 dB. An additional step
allows an attenuation of
≥ 90 dB. Both parts can be
controlled independently over the whole range, which
allows the balance to be varied by controlling the volume
of left and right.
Loudspeaker channel (CH1)
Volume control and balance
The loudspeaker channel (CH1) also consists of two parts
for volume control (left and right). In each part the gain
can be adjusted between + 16 dB and
−62 dB in steps of
2 dB. An additional step allows an attenuation of
≥ 90 dB.
Both parts can be controlled independently over the
whole range, which allows the balance to be varied by
controlling the volume of left and right.
Stereo/pseudo stereo/spatial stereo mode
It is possible to select three modes. Stereo, pseudo or
spatial stereo. The pseudo stereo mode receives mono
transmissions and the stereo and spatial stereo mode
receives stereo transmissions.
Bass control
The bass control stage can be switched from an
emphasis of 15 dB to an attenuation of 12 dB for low
frequencies in steps of 3 dB.
Treble control
The treble control stage can be switched from + 12 dB to
−12 dB in steps of 3 dB.
Bias and power supply
The TDA8421 includes a bias and power supply stage,
which generates a voltage of 1
⁄2 VCC with a low output
impedance and injector currents for the logic part.
Power-on reset
The on-chip power-on reset circuit sets the mute bit to
active, which mutes both the loudspeaker channel (CH1)
and the headphone channel (CH2). The muting can be
switched by transmission of the mute bit.
I2C bus receiver and data handling
Bus specification
The TDA8421 is controlled via the 2-wire I2C bus by a
microcomputer. The two wires (SDA - serial data, SCL -
serial clock) carry information between the devices
connected to the bus. Both SDA and SCL are bidirectional
lines, connected to a positive supply voltage via a pull up
resistor.
When the bus is free both lines are HIGH. The data on the
SDA line must be stable during the HIGH period of the
clock. The HIGH or LOW state of the data line can only
change when the clock signal on the SCL line is LOW.
The set up and hold times are specified in
AC CHARACTERISTICS.
A HIGH-to-LOW transition of the SDA line while SCL is
HIGH is defined as a start condition. A LOW-to-HIGH
transition of the SDA line while SCL is HIGH is defined as
a stop condition. The bus receiver will be reset by the
reception of a start condition. The bus is considered to be
busy after the start condition. The bus is considered to be
free again after a stop condition.
Module address
Data transmission to the TDA8421 starts with the module
address MAD.
The module address is determined by pin 16. When connected to ground MAD = 0; when connected to VCC MAD = 1.
Thus two TDA8421s can be selected within a system.
Fig.3 TDA8421 module address.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com