Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA8421 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # TDA8421
Description  Hi-fi stereo audio processor; I2C bus
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8421 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button TDA8421 Datasheet HTML 3Page - NXP Semiconductors TDA8421 Datasheet HTML 4Page - NXP Semiconductors TDA8421 Datasheet HTML 5Page - NXP Semiconductors TDA8421 Datasheet HTML 6Page - NXP Semiconductors TDA8421 Datasheet HTML 7Page - NXP Semiconductors TDA8421 Datasheet HTML 8Page - NXP Semiconductors TDA8421 Datasheet HTML 9Page - NXP Semiconductors TDA8421 Datasheet HTML 10Page - NXP Semiconductors TDA8421 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
May 1988
7
Philips Semiconductors
Product specification
Hi-fi stereo audio processor; I2C bus
TDA8421
Truth tables
Truth tables for the switch functions
Table 3
Input selector
function
IS
IN1
0
IN2
1
Table 4
Mode selectors
mode
CH1
CH2
ML0
ML1
MH0
MH1
stereo
1
1
1
1
sound A
1
0
1
0
sound B
0
1
0
1
----------
0
0
0
0
Table 5
Stereo/pseudo stereo/spatial stereo
choise
STL
EFL
spatial
1
1
stereo
1
0
pseudo
0
1
-----------
0
0
Table 6
Mute
Notes
1. Attenuation
≥ 90 dB; POR = Power-On Reset.
mute
MU
active; automatic
after POR(1)
1
not active
0
Table 7
Output for external switch
EXSN
EXS
ground
1
open collector
0
Truth tables for the volume base and treble controls.
Table 8
Volume control
Note
1. The values of CH1 and CH2 are in 2 dB/step measured in dBs.
CH1
CH2
V
× 5V × 4V × 3V × 2V × 1V × 0
16
0
111111
14
−2
⋅⋅⋅⋅⋅⋅
⋅
⋅
⋅⋅⋅⋅⋅⋅
⋅
⋅
⋅⋅⋅⋅⋅⋅
⋅
⋅
⋅⋅⋅⋅⋅⋅
−46
−62
100000
−48
≤−90
011111
⋅
⋅
⋅⋅⋅⋅⋅⋅
−62
≤−90
011000
≤−90
≤−90
010111
⋅
⋅
⋅⋅⋅⋅⋅⋅
⋅
⋅
⋅⋅⋅⋅⋅⋅
⋅
⋅
⋅⋅⋅⋅⋅⋅
≤−90
≤−90
000000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com