Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA8421 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # TDA8421
Description  Hi-fi stereo audio processor; I2C bus
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8421 Datasheet(HTML) 2 Page - NXP Semiconductors

  TDA8421 Datasheet HTML 1Page - NXP Semiconductors TDA8421 Datasheet HTML 2Page - NXP Semiconductors TDA8421 Datasheet HTML 3Page - NXP Semiconductors TDA8421 Datasheet HTML 4Page - NXP Semiconductors TDA8421 Datasheet HTML 5Page - NXP Semiconductors TDA8421 Datasheet HTML 6Page - NXP Semiconductors TDA8421 Datasheet HTML 7Page - NXP Semiconductors TDA8421 Datasheet HTML 8Page - NXP Semiconductors TDA8421 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
May 1988
2
Philips Semiconductors
Product specification
Hi-fi stereo audio processor; I2C bus
TDA8421
GENERAL DESCRIPTION
The TDA8421 is a monolithic bipolar integrated stereo sound circuit with a loudspeaker channel (CH1) and a headphone
channel (CH2), digital controlled via the I2C bus, for application in hi-fi audio and television sound.
Features
• Input selector
• Mode selector
• Loudspeaker channel (CH1); with volume control, balance control and mute
• Headphone channel (CH2); with volume control, balance control and mute
• Pseudo stereo and spatial function
• Bass and treble control
• Electrostatic discharge protection diodes
QUICK REFERENCE DATA
PACKAGE OUTLINE
28-lead dual in-line; plastic (SOT117); SOT 117-1; 1996 november 19.
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT
Supply voltage (pin 4)
VCC
7,5
12
14
V
Input signal handling
VI
2
−−
V
Input sensitivity
full power at the output stage
Vi
−
200
−
mV
Signal plus noise-to-noise ratio
(S+N)/N
−
90
−
dB
Total harmonic distortion
THD
−
0,05
−
%
Channel separation
α−
75
−
dB
Volume control range CH1
G
−62
−
16
dB
Treble control range
G
−12
−
12
dB
Bass control range
G
−12
−
15
dB
Volume control range CH2
G
−62
−
0dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com