Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA8421 Datasheet(PDF) 19 Page - NXP Semiconductors

Part # TDA8421
Description  Hi-fi stereo audio processor; I2C bus
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8421 Datasheet(HTML) 19 Page - NXP Semiconductors

Back Button TDA8421 Datasheet HTML 15Page - NXP Semiconductors TDA8421 Datasheet HTML 16Page - NXP Semiconductors TDA8421 Datasheet HTML 17Page - NXP Semiconductors TDA8421 Datasheet HTML 18Page - NXP Semiconductors TDA8421 Datasheet HTML 19Page - NXP Semiconductors TDA8421 Datasheet HTML 20Page - NXP Semiconductors TDA8421 Datasheet HTML 21Page - NXP Semiconductors TDA8421 Datasheet HTML 22Page - NXP Semiconductors TDA8421 Datasheet HTML 23Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 26 page
background image
May 1988
19
Philips Semiconductors
Product specification
Hi-fi stereo audio processor; I2C bus
TDA8421
Fig.11 Crosstalk 2-tone mode as a function of frequency.
CH1: mode AA, Gain + 16 dB; CH2: mode BB, Gain 0 dB.
Signal input RIGHT; input LEFT to ground, measured at output CH1.
Fig.12 Crosstalk between IN1 and IN2 as a function of frequency; measured at output CH1; RG = 0.
a) Gain = + 16 dB; Vi = 200 mV. b) Gain = 0 dB; Vi = 1 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com