Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA8421 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # TDA8421
Description  Hi-fi stereo audio processor; I2C bus
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8421 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button TDA8421 Datasheet HTML 7Page - NXP Semiconductors TDA8421 Datasheet HTML 8Page - NXP Semiconductors TDA8421 Datasheet HTML 9Page - NXP Semiconductors TDA8421 Datasheet HTML 10Page - NXP Semiconductors TDA8421 Datasheet HTML 11Page - NXP Semiconductors TDA8421 Datasheet HTML 12Page - NXP Semiconductors TDA8421 Datasheet HTML 13Page - NXP Semiconductors TDA8421 Datasheet HTML 14Page - NXP Semiconductors TDA8421 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
May 1988
11
Philips Semiconductors
Product specification
Hi-fi stereo audio processor; I2C bus
TDA8421
DC CHARACTERISTICS
VCC = 12 V; Tamb =25 °C; unless otherwise specified
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT
Supply voltage (pin 4)
VCC
7,5
12
14
V
Supply current
at VCC = 12 V
ICC
−
42
55
mA
Internal input voltage
IN1 L,R (pins 26,28) IN2 L,R (pins
1,3) DC voltage internally generated;
capacitive coupling recommended
VI
5,4
6,0
6,6
V
MAD (pin 16)
input voltage HIGH
VIH
3,0
−
VCC
V
input voltage LOW
VIL
0
−
1,5
V
input current HIGH
IIH
−−
1,0
µA
input current LOW
IIL
−
110
µA
SDA; SCL (pins 13 and 14)
input voltage HIGH
VIH
3,0
−
VCC
V
input voltage LOW
VIL
−0,3
−
1,5
V
input current HIGH
IIH
−−
1,0
µA
input current LOW
IIL
−
110
µA
Output voltage at
CH1 (pins 11 and 18);
CH2 (pins 7 and 22)
VO
5,4
1
⁄2 VCC
6,6
V
pins with external capacitors
pins 6 to 10; 19 to 21; 23 to 25
Vcap.n
−
1
⁄2 VCC
−
V
pin 2
Vcap.2
−
VCC−0,1
−
V
External switch (pin 15)
at IEXSN = 1 mA
Output voltage HIGH
VEXSNH
−−
16
V
Output voltage LOW
VEXSNL
−−
0,3
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com