Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA8421 Datasheet(PDF) 16 Page - NXP Semiconductors

Part # TDA8421
Description  Hi-fi stereo audio processor; I2C bus
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8421 Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button TDA8421 Datasheet HTML 12Page - NXP Semiconductors TDA8421 Datasheet HTML 13Page - NXP Semiconductors TDA8421 Datasheet HTML 14Page - NXP Semiconductors TDA8421 Datasheet HTML 15Page - NXP Semiconductors TDA8421 Datasheet HTML 16Page - NXP Semiconductors TDA8421 Datasheet HTML 17Page - NXP Semiconductors TDA8421 Datasheet HTML 18Page - NXP Semiconductors TDA8421 Datasheet HTML 19Page - NXP Semiconductors TDA8421 Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 26 page
background image
May 1988
16
Philips Semiconductors
Product specification
Hi-fi stereo audio processor; I2C bus
TDA8421
Note to the AC characteristics
1. Balance is realized via software by different volume settings in both channels.
Headphone channel (CH2)
Control range
maximum voltage gain (0 dB step)
Gmax
−1
−−
dB
minimum voltage gain (
−62 dB step)
Gmin
−57
−−
dB
last position
Goff
−80
−85
−
dB
mute position
Gmute
−85
−90
−
dB
Resolution
Gstep
−
2
−
dB/step
Gain difference between left and
right AF channel (note 1)
gain from 0 dB to
−40 dB
∆G
−−
0,5
dB
gain from
−40 dB to −62 dB
∆G
−−
2dB
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com