Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS615 Datasheet(PDF) 18 Page - STMicroelectronics

Part # TS615
Description  DUAL WIDE BAND OPERATIONAL AMPLIFIER WITH HIGH OUTPUT CURRENT
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS615 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button TS615_04 Datasheet HTML 14Page - STMicroelectronics TS615_04 Datasheet HTML 15Page - STMicroelectronics TS615_04 Datasheet HTML 16Page - STMicroelectronics TS615_04 Datasheet HTML 17Page - STMicroelectronics TS615_04 Datasheet HTML 18Page - STMicroelectronics TS615_04 Datasheet HTML 19Page - STMicroelectronics TS615_04 Datasheet HTML 20Page - STMicroelectronics TS615_04 Datasheet HTML 21Page - STMicroelectronics TS615_04 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 36 page
background image
TS615
Intermodulation Distortion Product
18/36
The following graphs show the IM2 and the IM3 of the amplifier in different configurations. The two-tone
input signal is created by a Marconi 2026 multisource generator. Each tone has the same amplitude. The
measurement was carried out using an HP3585A spectrum analyzer.
Figure 47. Intermodulation vs. output
amplitude: 370 kHz & 400 kHz,
AV = +1.5, Rfb =1 kΩ, RL =14 Ω diff.,
VCC =±2.5V
Figure 48. Intermodulation vs. output
amplitude: 370 kHz & 400 kHz,
AV = +1.5, Rfb =1kΩ, RL =28 Ω diff.,
VCC =±2.5V
Figure 49. Intermodulation vs. gain: 370kHz &
400kHz, RL=20Ω diff., Vout=6Vpp, VCC=±2.5V
Figure 50. Intermodulation vs. Load: 370kHz & 400kHz,
AV=+1.5, Rfb=1kΩ, Vout=6.5Vpp, VCC=±2.5V
0123
45678
-100
-90
-80
-70
-60
-50
-40
-30
IM3
1140kHz, 1170kHz
IM2
770kHz
IM3
340kHz, 430kHz
IM2
30kHz
Differential Output Voltage (Vp-p)
0123
45678
-100
-90
-80
-70
-60
-50
-40
-30
IM3
1140kHz, 1170kHz
IM2
770kHz
IM3
340kHz, 430kHz
IM2
30kHz
Differential Output Voltage (Vp-p)
1.0
1.5
2.0
2.5
3.0
3.5
4.0
-110
-100
-90
-80
-70
-60
-50
-40
-30
IM2
770kHz
IM3
340kHz, 430kHz, 1140kHz, 1170kHz
IM2
30kHz
Closed Loop Gain (Linear)
0
20
40
60
80
100
120
140
160
180
200
-110
-100
-90
-80
-70
-60
-50
-40
-30
IM2
770kHz
IM3
340kHz, 430kHz, 1140kHz, 1170kHz
IM2
30kHz
Differential Load (
Ω)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com