Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS615 Datasheet(PDF) 19 Page - STMicroelectronics

Part # TS615
Description  DUAL WIDE BAND OPERATIONAL AMPLIFIER WITH HIGH OUTPUT CURRENT
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS615 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button TS615_04 Datasheet HTML 15Page - STMicroelectronics TS615_04 Datasheet HTML 16Page - STMicroelectronics TS615_04 Datasheet HTML 17Page - STMicroelectronics TS615_04 Datasheet HTML 18Page - STMicroelectronics TS615_04 Datasheet HTML 19Page - STMicroelectronics TS615_04 Datasheet HTML 20Page - STMicroelectronics TS615_04 Datasheet HTML 21Page - STMicroelectronics TS615_04 Datasheet HTML 22Page - STMicroelectronics TS615_04 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 36 page
background image
Intermodulation Distortion Product
TS615
19/36
Figure 51. Intermodulation vs. Output Amplitude:
100kHz & 110kHz, AV=+4, Rfb=620Ω, RL=200Ω diff.,
VCC=±6V
Figure 52. Intermodulation vs. Output Amplitude:
100kHz & 110kHz, AV=+4, Rfb=620Ω, RL=50Ω diff.,
VCC=±6V
Figure 53. Intermodulation vs. Frequency Range:
AV=+4, Rfb=620Ω, RL=50Ω diff., Vout=16Vpp,
VCC=±6V
Figure 54. Intermodulation vs. Output Amplitude:
370kHz & 400kHz, AV=+4, Rfb=620Ω, RL=50Ω diff.,
VCC=±6V
2
4
6
8
10121416
18
2022
-110
-100
-90
-80
-70
-60
-50
-40
-30
IM3
320kHz
IM3
310kHz
IM3
90kHz, 120kHz
IM2
210kHz
Differential Output Voltage (Vp-p)
2468
10
12
14
16
18
20
22
-110
-100
-90
-80
-70
-60
-50
-40
-30
IM3
90kHz, 120kHz, 310kHz, 320kHz
IM2
210kHz
Differential Output Voltage (Vp-p)
02468
10
12
14
16
18
20
22
-110
-100
-90
-80
-70
-60
-50
-40
-30
IM3
1140kHz, 1170kHz
IM2
770kHz
IM3
340kHz, 430kHz
IM2
30kHz
Differential Output Voltage (Vp-p)
02468
10
12
14
16
18
20
22
-110
-100
-90
-80
-70
-60
-50
-40
-30
IM3
1140kHz, 1170kHz
IM2
770kHz
IM3
340kHz, 430kHz
IM2
30kHz
Differential Output Voltage (Vp-p)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com