Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS615 Datasheet(PDF) 27 Page - STMicroelectronics

Part # TS615
Description  DUAL WIDE BAND OPERATIONAL AMPLIFIER WITH HIGH OUTPUT CURRENT
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS615 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button TS615_04 Datasheet HTML 23Page - STMicroelectronics TS615_04 Datasheet HTML 24Page - STMicroelectronics TS615_04 Datasheet HTML 25Page - STMicroelectronics TS615_04 Datasheet HTML 26Page - STMicroelectronics TS615_04 Datasheet HTML 27Page - STMicroelectronics TS615_04 Datasheet HTML 28Page - STMicroelectronics TS615_04 Datasheet HTML 29Page - STMicroelectronics TS615_04 Datasheet HTML 30Page - STMicroelectronics TS615_04 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 36 page
background image
Power Supply Bypassing
TS615
27/36
Figure 64 shows a schematic of a 5V single power supply configuration
8.2 Channel separation and crosstalk
Figure 65 shows an example of crosstalk from one amplifier to a second amplifier. This phenomenon,
accentuated at high frequencies, is unavoidable and intrinsic to the circuit itself.
Nevertheless, the PCB layout also has an effect on the crosstalk level. Capacitive coupling between
signal wires, distance between critical signal nodes and power supply bypassing are the most significant
factors.
Figure 64. Circuit for +5V single supply
Figure 65. Crosstalk vs. frequency: AV=+4, Rfb=620Ω, VCC=±6V, Vout=2Vp
+
_
R2
820
Ω
RG
IN
+5V
Rload
OUT
Rfb
910
Ω
10
µF
+ 1
µF
½ TS615
100
µF
R1
820
Ω
+5V
10nF
Rin
1k
Ω
CG
+
Rs
+
_
R2
820
Ω
RG
IN
+5V
Rload
OUT
Rfb
910
Ω
10
µF
+ 1
µF
½ TS615
100
µF
R1
820
Ω
+5V
10nF
Rin
1k
Ω
CG
+
Rs
10k
100k
1M
10M
-130
-120
-110
-100
-90
-80
-70
-60
-50
Frequency (Hz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com