Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS615 Datasheet(PDF) 20 Page - STMicroelectronics

Part # TS615
Description  DUAL WIDE BAND OPERATIONAL AMPLIFIER WITH HIGH OUTPUT CURRENT
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS615 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button TS615_04 Datasheet HTML 16Page - STMicroelectronics TS615_04 Datasheet HTML 17Page - STMicroelectronics TS615_04 Datasheet HTML 18Page - STMicroelectronics TS615_04 Datasheet HTML 19Page - STMicroelectronics TS615_04 Datasheet HTML 20Page - STMicroelectronics TS615_04 Datasheet HTML 21Page - STMicroelectronics TS615_04 Datasheet HTML 22Page - STMicroelectronics TS615_04 Datasheet HTML 23Page - STMicroelectronics TS615_04 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 36 page
background image
TS615
Printed Circuit Board Layout Considerations
20/36
6 Printed Circuit Board Layout Considerations
In the ADSL frequency rangey, printed circuit board parasites can affect the closed-loop performance.
The use of a proper ground plane on both sides of the PCB is necessary to provide low inductance and a
low resistance common return. The most important factors affecting gain flatness and bandwidth are
stray capacitance at the output and inverting input. To minimize capacitance, the space between signal
lines and ground plane should be maximized. Feedback component connections must be as short as
possible in order to decrease the associated inductance which affects high-frequency gain errors. It is
very important to choose the smallest possible external components—for example, surface mounted
devices (SMD)—in order to minimize the size of all DC and AC connections.
6.1 Thermal information
The TS615 is housed in an exposed-pad plastic package. As described in Figure 55, this package has a
lead frame upon which the dice is mounted. This lead frame is exposed as a thermal pad on the
underside of the package. The thermal contact is direct with the dice. This thermal path provides an
excellent thermal performance.
The thermal pad is electrically isolated from all pins in the package. It must be soldered to a copper area
of the PCB underneath the package. Through these thermal paths within this copper area, heat can be
conducted away from the package. The copper area must be connected to -VCC available on pin 4.
Figure 55. Exposed-pad package
Figure 56. Evaluation board
1
Cross Section View
Bottom View
Side View
DICE
1
Cross Section View
Bottom View
Side View
DICE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com