Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS615 Datasheet(PDF) 29 Page - STMicroelectronics

Part # TS615
Description  DUAL WIDE BAND OPERATIONAL AMPLIFIER WITH HIGH OUTPUT CURRENT
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS615 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button TS615_04 Datasheet HTML 25Page - STMicroelectronics TS615_04 Datasheet HTML 26Page - STMicroelectronics TS615_04 Datasheet HTML 27Page - STMicroelectronics TS615_04 Datasheet HTML 28Page - STMicroelectronics TS615_04 Datasheet HTML 29Page - STMicroelectronics TS615_04 Datasheet HTML 30Page - STMicroelectronics TS615_04 Datasheet HTML 31Page - STMicroelectronics TS615_04 Datasheet HTML 32Page - STMicroelectronics TS615_04 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 36 page
background image
Power Down Mode Behavior
TS615
29/36
to this signal. This concept is particularly intended for the ADSL-over-voice modems, where the modem in
sleep mode, and must be woken up by the phone call.
Figure 67. Matching in sleep mode
Figure 68. Standby mode. Time On
>Off
Figure 69. Standby mode. Time Off
>On
Figure 70. Standby mode. input/output isolation vs. frequency: AV=+4, Rfb=620Ω,
VCC=±6V, Vout=3Vp
TS615
1:2
Transformer
Line (100
Ω)
Consumption=80
µA
POWER DOWN
25
Ω
12.5
Ω
12.5
Ω
5
Ω max.
The system can be waked-up
from the line
Matching
TS615
1:2
Transformer
Line (100
Ω)
Consumption=80
µA
POWER DOWN
25
Ω
12.5
Ω
12.5
Ω
5
Ω max.
The system can be waked-up
from the line
Matching
0
1020
304050
-6
-5
-4
-3
-2
-1
0
Vout
Vpdw
Disabled Output
Enabled Output
Time (
µs)
012
345
−6
−5
−4
−3
−2
−1
0
1
Disabled Output
Enabled Output
Vpdw
Vout
Time (µs)
10k
100k
1M
10M
-130
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
Frequency (Hz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com