Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS615 Datasheet(PDF) 30 Page - STMicroelectronics

Part # TS615
Description  DUAL WIDE BAND OPERATIONAL AMPLIFIER WITH HIGH OUTPUT CURRENT
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS615 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button TS615_04 Datasheet HTML 26Page - STMicroelectronics TS615_04 Datasheet HTML 27Page - STMicroelectronics TS615_04 Datasheet HTML 28Page - STMicroelectronics TS615_04 Datasheet HTML 29Page - STMicroelectronics TS615_04 Datasheet HTML 30Page - STMicroelectronics TS615_04 Datasheet HTML 31Page - STMicroelectronics TS615_04 Datasheet HTML 32Page - STMicroelectronics TS615_04 Datasheet HTML 33Page - STMicroelectronics TS615_04 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 36 page
background image
TS615
Choosing the Feedback Circuit
30/36
10 Choosing the Feedback Circuit
As described on Figure 72 on page 31, the TS615 requires a 620
Ω feedback resistor to optimize the
bandwidth with a gain of 12 dB for a 12 V power supply. Nevertheless, due to production test constraints,
the TS615 is tested with the same feedback resistor for 12 V and 5 V power supplies (910
Ω).
10.1 The bias of an inverting amplifier
A resistance is necessary to achieve a good input biasing, such as resistance R, shown in Figure 71.
The magnitude of this resistance is calculated by assuming the negative and positive input bias current.
The aim is to compensate for the offset bias current, which could affect the input offset voltage and the
output DC component. Assuming Ib-, Ib+, Rin, Rfb and a zero volt output, the resistance R will be:
R = Rin // Rfb
Table 6. Closed-loop gain - feedback components
VCC (V)
Gain
Rfb (Ω)
±6
+1
750
+2
680
+4
620
+8
510
-1
680
-2
680
-4
620
-8
510
±2.5
+1
1.1k
+2
1k
+4
910
+8
680
-1
1k
-2
1k
-4
910
-8
680
Figure 71. Compensation of the input bias current
R
Load
Output
Rfb
Rin
Ib-
Ib+
Vcc+
Vcc-
TS615
+
_
R
Load
Output
Rfb
Rin
Ib-
Ib+
Vcc+
Vcc-
TS615
+
_



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com