Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC7135CPL Datasheet(PDF) 3 Page - Microchip Technology

Part # TC7135CPL
Description  4-1/2 Digit A/D Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC7135CPL Datasheet(HTML) 3 Page - Microchip Technology

  TC7135CPL Datasheet HTML 1Page - Microchip Technology TC7135CPL Datasheet HTML 2Page - Microchip Technology TC7135CPL Datasheet HTML 3Page - Microchip Technology TC7135CPL Datasheet HTML 4Page - Microchip Technology TC7135CPL Datasheet HTML 5Page - Microchip Technology TC7135CPL Datasheet HTML 6Page - Microchip Technology TC7135CPL Datasheet HTML 7Page - Microchip Technology TC7135CPL Datasheet HTML 8Page - Microchip Technology TC7135CPL Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
 2004 Microchip Technology Inc.
DS21460C-page 3
TC7135
1.0
ELECTRICAL SPECIFICATIONS
Absolute Maximum Ratings†
Positive Supply Voltage.....................................................+6V
Negative Supply Voltage ...................................................- 9V
Analog Input Voltage (Pin 9 or 10) ...............V+ to V- (Note 2)
Reference Input Voltage (Pin 2) ................................. V+ to V-
Clock Input Voltage ................................................... 0V to V+
Operating Temperature Range .......................... 0°C to +70°C
Storage Temperature Range ........................ –65°C to +150°C
Package Power Dissipation; (TA ≤ 70°C)
28-Pin PDIP .......................................................... 1.14
28-Pin PLCC ......................................................... 1.00
44-Pin MQFP
..........................................................................
64-Pin MQFP ........................................................ 1.14
† Notice: Stresses above those listed under "Absolute Maxi-
mum Ratings" may cause permanent damage to the device.
These are stress ratings only and functional operation of the
device at these or any other conditions above those indicated
in the operation sections of the specifications is not implied.
Exposure to Absolute Maximum Rating conditions for
extended periods may affect device reliability.
DC CHARACTERISTICS
Electrical Specifications: Unless otherwise indicated, TA = +25°C, FCLOCK = 120 kHz, V+ = +5V, V- = -5V.
(see Functional Block Diagram).
Parameters
Sym
Min.
Typ.
Max.
Units
Conditions
Analog
Display Reading with Zero Volt
Input
-0.0000
±0.0000
+0.0000
Display Reading
Note 2, Note 3
Zero Reading Temperature
Coefficient
TCZ
—0.5
2
µV/°C
VIN = 0V, (Note 4)
Full Scale Temperature
Coefficient
TCFS
5
ppm/°C
VIN = 2V,
(Note 4, Note 5)
Nonlinearity Error
NL
0.5
1
Count
Note 6
Differential Linearity Error
DNL
0.01
LSB
Note 6
Display Reading in Ratiometric
Operation
+0.9996
+0.9999
+1.0000
Display Reading
VIN = VREF, (Note 2)
± Full Scale Symmetry Error
(Rollover Error)
±FSE
0.5
1
Count
-VIN = +VIN, (Note 7)
Input Leakage Current
IIN
1
10
pA
Note 3
Noise
eN
—15
µVP-P
Peak-to-Peak Value not
Exceeded 95% of Time
Digital
Input Low Current
IIL
10
100
µA
VIN = 0V
Input High Current
IIH
—0.08
10
µA
VIN = +5V
Output Low Voltage
VOL
0.2
0.4
V
IOL = 1.6 mA
Output High Voltage;
B1, B2, B4, B8, D1 –D5
Busy, Polarity, Overrange,
Underrange, Strobe
VOH
2.4
4.4
5
V
IOH = 1 mA
4.9
4.99
5
V
IOH = 10 µA
Clock Frequency
FCLK
0
200
1200
kHz
Note 8
Note
1:
Limit input current to under 100 µA if input voltages exceed supply voltage.
2:
Full-scale voltage = 2V
3:
VIN = 0V
4:
30°C
≤ T
A ≤ +70°C
5:
External reference temperature coefficient less than 0.01 ppm/°C.
6:
-2V
≤ V
IN ≤ +2V. Error of reading from best fit straight line.
7:
IVIN| = 1.9959
8:
Specification related to clock frequency range over which the
TC7135 correctly performs its various functions.
Increased errors result at higher operating frequencies.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com