Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC7135CPL Datasheet(PDF) 13 Page - Microchip Technology

Part # TC7135CPL
Description  4-1/2 Digit A/D Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC7135CPL Datasheet(HTML) 13 Page - Microchip Technology

Back Button TC7135CPL Datasheet HTML 9Page - Microchip Technology TC7135CPL Datasheet HTML 10Page - Microchip Technology TC7135CPL Datasheet HTML 11Page - Microchip Technology TC7135CPL Datasheet HTML 12Page - Microchip Technology TC7135CPL Datasheet HTML 13Page - Microchip Technology TC7135CPL Datasheet HTML 14Page - Microchip Technology TC7135CPL Datasheet HTML 15Page - Microchip Technology TC7135CPL Datasheet HTML 16Page - Microchip Technology TC7135CPL Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
 2004 Microchip Technology Inc.
DS21460C-page 13
TC7135
TABLE 6-2:
LINE FREQUENCY
REJECTION VS. CLOCK
FREQUENCY
The conversion rate is easily calculated:
EQUATION 6-3:
6.3
High Speed Operation
The maximum conversion rate of most dual-slope A/D
converters is limited by the frequency response of the
comparator. The comparator in this circuit follows the
integrator ramp with a 3 µsec delay, at a clock
frequency of 160 kHz (6 µsec period). Half of the first
reference integrate clock period is lost in delay. This
means that the meter reading will change from 0 to 1
with a 50 µV input, 1 to 2 with 150 µV, 2 to 3 at 250 µV,
etc. This transition at midpoint is considered desirable
by most users. However, if the clock frequency is
increased appreciably above 200 kHz, the instrument
will flash "1" on noise peaks, even when the input is
shorted.
For many dedicated applications where the input signal
is always of one polarity, the delay of the comparator
need not be a limitation. Since the nonlinearity and
noise do not increase substantially with frequency, clock
rates of up to ~1 MHz may be used. For a fixed clock
frequency, the extra count (or counts) caused by
comparator delay will be a constant and can be
subtracted out digitally.
The clock frequency may be extended above 160 kHz
without this error, however, by using a low value
resistor in series with the integrating capacitor. The
effect of the resistor is to introduce a small pedestal
voltage on to the integrator output at the beginning of
the reference integrate phase. By careful selection of
the ratio between this resistor and the integrating
resistor (a few tens of ohms in the recommended
circuit), the comparator delay can be compensated and
the
maximum
clock
frequency
extended
by
approximately a factor of 3. At higher frequencies,
ringing and second-order breaks will cause significant
nonlinearities in the first few counts of the instrument.
The minimum clock frequency is established by
leakage on the auto-zero and reference capacitors.
With most devices, measurement cycles as long as 10
seconds give no measurable leakage error.
The clock used should be free from significant phase or
frequency jitter. Several suitable low-cost oscillators
are shown in Section 6.0 “Typical Applications”. The
multiplexed output means that if the display takes
significant current from the logic supply, the clock
should have good PSRR.
6.4
Zero Crossing Flip Flop
The flip flop interrogates the data once every clock
pulse after the transients of the previous clock pulse and
half clock pulse have died down. False zero crossings
caused by clock pulses are not recognized. Of course,
the flip flop delays the true zero crossing by up to one
count in every instance. If a correction were not made,
the display would always be one count too high.
Therefore, the counter is disabled for one clock pulse at
the beginning of the reference integrate (de-integrate)
phase. This one-count delay compensates for the delay
of the zero crossing flip flop and allows the correct
number to be latched into the display. Similarly, a one-
count delay at the beginning of auto-zero gives an
overload display of 0000 instead of 0001. No delay
occurs during signal integrate so that true ratiometric
readings result.
6.5
Generating a Negative Supply
A negative voltage can be generated from the positive
supply by using a TC7135 (see Figure 6-1).
FIGURE 6-1:
Negative Supply Voltage
Generator.
Oscillator Frequency
(kHz)
Line Frequency
Rejection
(Hz)
300
60
200
150
120
100
40
33-1/3
250
50
166-2/3
125
100
100
50, 60,400
Reading 1/sec
Clock Frequency (Hz)
4000
-----------------------------------------------------
=
TC7660
TC7135
11
1
+5V
8
23
(-5V)
V+
V–
24
10 µF
5
4
10 µF
+
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com