Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC7135CPL Datasheet(PDF) 15 Page - Microchip Technology

Part # TC7135CPL
Description  4-1/2 Digit A/D Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC7135CPL Datasheet(HTML) 15 Page - Microchip Technology

Back Button TC7135CPL Datasheet HTML 11Page - Microchip Technology TC7135CPL Datasheet HTML 12Page - Microchip Technology TC7135CPL Datasheet HTML 13Page - Microchip Technology TC7135CPL Datasheet HTML 14Page - Microchip Technology TC7135CPL Datasheet HTML 15Page - Microchip Technology TC7135CPL Datasheet HTML 16Page - Microchip Technology TC7135CPL Datasheet HTML 17Page - Microchip Technology TC7135CPL Datasheet HTML 18Page - Microchip Technology TC7135CPL Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
 2004 Microchip Technology Inc.
DS21460C-page 15
TC7135
FIGURE 6-5:
4-1/2 Digit ADC With Multiplexed Common Cathode LED Display.
28
27
26
25
24
23
22
21
9
8
7
6
5
4
3
2
1
REF IN
ANALOG
GND
INT
OUT
AZ IN
BUFF
OUT
CREF+
+5V
5V
UR
DGND
POLARITY
OR
STROBE
RUN/HOLD
CLK IN
BUSY
1
2
3
4
5
6
7
8
9
SET VREF = 1V
100
k
Ω
Analog
GND
0.33 µF
100 k
Ω
1µF
1µF
47
k
Ω
150
Ω
+5V
150
Ω
10
11
12
13
14
15
16
17
18
+5V
MC14513
1µF
20
19
18
17
16
15
–INPUT
+INPUT
V+
D5 (MSD)
B1 (LSB)
B2
(LSD) D1
D2
D3
D4
B4
(MSB) B8
10
11
12
13
14
100
k
Ω
SIG
IN
+
0.1
µF
+5V
FOSC = 200 kHz
CREF–
V–
TC7135
MCP1525



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com