Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC7135CPL Datasheet(PDF) 1 Page - Microchip Technology

Part # TC7135CPL
Description  4-1/2 Digit A/D Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC7135CPL Datasheet(HTML) 1 Page - Microchip Technology

  TC7135CPL Datasheet HTML 1Page - Microchip Technology TC7135CPL Datasheet HTML 2Page - Microchip Technology TC7135CPL Datasheet HTML 3Page - Microchip Technology TC7135CPL Datasheet HTML 4Page - Microchip Technology TC7135CPL Datasheet HTML 5Page - Microchip Technology TC7135CPL Datasheet HTML 6Page - Microchip Technology TC7135CPL Datasheet HTML 7Page - Microchip Technology TC7135CPL Datasheet HTML 8Page - Microchip Technology TC7135CPL Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
 2004 Microchip Technology Inc.
DS21460C-page 1
TC7135
Features
• Low Rollover Error: ±1 Count Max
• Nonlinearity Error: ±1 Count Max
• Reading for 0V Input
• True Polarity Indication at Zero for Null Detection
• Multiplexed BCD Data Output
• TTL-Compatible Outputs
• Differential Input
• Control Signals Permit Interface to UARTs and
Microprocessors
• Blinking Display Visually Indicates Overrange
Condition
• Low Input Current: 1 pA
• Low Zero Reading Drift: 2 µV/°C
• Auto-Ranging Supported with Overrange and
Underrange Signals
• Available in PDIP and Surface-Mount Packages
Applications
• Precision Analog Signal Processor
• Precision Sensor Interface
• High Accuracy DC Measurements
General Description
The TC7135 4-1/2 digit A/D Converter (ADC) offers
50 ppm (1 part in 20,000) resolution with a maximum
nonlinearity error of 1 count. An auto-zero cycle
reduces zero error to below 10 µV and zero drift to
0.5 µV/°C. Source impedance errors are minimized by
a 10 pA maximum input current. Rollover error is
limited to ±1 count.
Microprocessor-based
measurement
systems
are
supported by the BUSY, STROBE and RUN/HOLD
control signals. Remote data acquisition systems with
data transfer via UARTs are also possible. The addi-
tional control pins and multiplexed BCD outputs make
the TC7135 the ideal converter for display or
microprocessor-based measurement systems.
Functional Block Diagram
TC7135
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
100 k
Ω
Analog GND
100 k
Ω
Signal
Input
0.1 µF
Set VREF = 1V
V–
REF IN
ANALOG
COMMON
INT OUT
AZ IN
BUFF OUT
CREF–
CREF+
–INPUT
+INPUT
D5 (MSD)
B1 (LSB)
B2
V+
UNDERRANGE
OVERRANGE
STROBE
RUN/HOLD
DIGTAL GND
POLARITY
CLOCK IN
BUSY
(LSD) D1
D2
D4
(MSB) B8
B4
D3
+5V
1µF
100 k
Ω
1µF
0.47 µF
VREF IN
Clock Input
120 kHz
5V
4-1/2 Digit A/D Converter


Similar Part No. - TC7135CPL

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC7135CPI TELCOM-TC7135CPI Datasheet
224Kb / 13P
4-1/2 DIGIT ANALOG-TO-DIGITAL CONVERTER
logo
Microchip Technology
TC7135CPI MICROCHIP-TC7135CPI Datasheet
533Kb / 22P
4-1/2 Digit A/D Converter
2002
More results

Similar Description - TC7135CPL

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI-7159A INTERSIL-HI-7159A Datasheet
210Kb / 14P
Microprocessor-Compatible, 5-1/2 Digit A/D Converter
January 1999
ICL7135 INTERSIL-ICL7135 Datasheet
733Kb / 15P
4 1/2 Digit, BCD Output, A/D Converter
October 25, 2004
logo
Microchip Technology
TC7135 MICROCHIP-TC7135 Datasheet
533Kb / 22P
4-1/2 Digit A/D Converter
2002
logo
List of Unclassifed Man...
LD110 ETC-LD110 Datasheet
335Kb / 8P
3 1/2 Digit A/D Converter Set
ES5107 ETC-ES5107 Datasheet
327Kb / 20P
3 1/2 DIGIT A/D CONVERTER W/LED
LD120 ETC-LD120 Datasheet
2Mb / 9P
4 1/2 Digit A/D Converter Set
logo
Intersil Corporation
ICL71C03 INTERSIL-ICL71C03 Datasheet
168Kb / 19P
Precision 4 1/2 Digit, A/D Converter
August 1997
ICL8052A INTERSIL-ICL8052A Datasheet
582Kb / 23P
Precision 4 1/2 Digit, A/D Converter
May 2001
logo
Cyrustek corporation
ES5106 CYRUSTEK-ES5106_03 Datasheet
756Kb / 20P
3 1/2 DIGIT A/D CONVERTER W/LCD
logo
Renesas Technology Corp
ICL7135 RENESAS-ICL7135 Datasheet
800Kb / 15P
4 1/2 Digit, BCD Output, A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com