Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC7135CPL Datasheet(PDF) 6 Page - Microchip Technology

Part # TC7135CPL
Description  4-1/2 Digit A/D Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC7135CPL Datasheet(HTML) 6 Page - Microchip Technology

Back Button TC7135CPL Datasheet HTML 2Page - Microchip Technology TC7135CPL Datasheet HTML 3Page - Microchip Technology TC7135CPL Datasheet HTML 4Page - Microchip Technology TC7135CPL Datasheet HTML 5Page - Microchip Technology TC7135CPL Datasheet HTML 6Page - Microchip Technology TC7135CPL Datasheet HTML 7Page - Microchip Technology TC7135CPL Datasheet HTML 8Page - Microchip Technology TC7135CPL Datasheet HTML 9Page - Microchip Technology TC7135CPL Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
TC7135
DS21460C-page 6
 2004 Microchip Technology Inc.
3.0
DETAILED DESCRIPTION
All pin designations refer to the 28-pin PDIP package.
3.1
Dual-Slope Conversion Principles
The TC7135 is a dual-slope, integrating A/D converter.
An
understanding
of
the
dual-slope
conversion
technique will aid in following the detailed TC7135
operational theory.
The conventional dual-slope converter measurement
cycle has two distinct phases:
1.
Input signal integration.
2.
Reference voltage integration (de-integration).
The input signal being converted is integrated for a
fixed time period. Time is measured by counting clock
pulses. An opposite polarity constant reference voltage
is then integrated until the integrator output voltage
returns to zero. The reference integration time is
directly proportional to the input signal.
In
a
simple
dual-slope
converter,
a
complete
conversion requires the integrator output to “ramp-up”
and “ramp-down”.
A simple mathematical equation relates the input
signal, reference voltage and integration time:
EQUATION 3-1:
For a constant VIN:
EQUATION 3-2:
The dual-slope converter accuracy is unrelated to the
integrating resistor and capacitor values, as long as
they are stable during a measurement cycle. An
inherent benefit is noise immunity. Noise spikes are
integrated, or averaged, to zero during the integration
periods.
Integrated ADCs are immune to the large conversion
errors that plague successive approximation converters
in high-noise environments (see Figure 3-1).
FIGURE 3-1:
Basic Dual-Slope Converter.
3.2
TC7135 Operational Theory
The TC7135 incorporates a system zero phase and
integrator output voltage zero phase to the normal two-
phase
dual-slope
measurement
cycle.
Reduced
system errors, fewer calibration steps and a shorter
overrange recovery time result.
The TC7135 measurement cycle contains four phases:
1.
System zero.
2.
Analog input signal integration.
3.
Reference voltage integration.
4.
Integrator output zero.
Internal analog gate status for each phase is shown in
Figure 3-1.
TABLE 3-1:
INTERNAL ANALOG GATE STATUS
1
R
INTCINT
------------------------
V
IN T
()DT
0
T
INT
∫
V
REFTDEINT
R
INTCINT
--------------------------------
=
Where:
VREF = Reference voltage
TINT = Signal integration time (fixed)
TDEINT = Reference voltage integration time
(variable)
V
IN
V
REFTDEINT
T
IN T
--------------------------------
=
+
-
REF
Voltage
Analog Input
Signal
+
-
Display
Switch
Drive
Control
Logic
Clock
Counter
Polarity Control
Phase
Control
VIN
≈ V
REF
Variable
Reference
Integrate
Time
Fixed
Signal
Integrate
Time
Integrator
Comparator
VIN
≈ 1/2 V
REF
Conversion Cycle Phase
SWI
SWRI+SWRI-SWZ
SWR
SW1
SWIZ
Reference Figures
System Zero
—
—
—
Closed
Closed
Closed
—
Figure 3-2
Input Signal Integration
Closed
—
—
—
—
—
—
Figure 3-3
Reference Voltage Integration
—
Closed*
—
—
—
Closed
—
Figure 3-4
Integrator Output Zero
—
—
—
—
—
Closed
Closed
Figure 3-5
* Assumes a positive polarity input signal. SWRI would be closed for a negative input signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com