Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC7135CPL Datasheet(PDF) 20 Page - Microchip Technology

Part # TC7135CPL
Description  4-1/2 Digit A/D Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC7135CPL Datasheet(HTML) 20 Page - Microchip Technology

Back Button TC7135CPL Datasheet HTML 16Page - Microchip Technology TC7135CPL Datasheet HTML 17Page - Microchip Technology TC7135CPL Datasheet HTML 18Page - Microchip Technology TC7135CPL Datasheet HTML 19Page - Microchip Technology TC7135CPL Datasheet HTML 20Page - Microchip Technology TC7135CPL Datasheet HTML 21Page - Microchip Technology TC7135CPL Datasheet HTML 22Page - Microchip Technology TC7135CPL Datasheet HTML 23Page - Microchip Technology TC7135CPL Datasheet HTML 24Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
TC7135
DS21460C-page 20
 2004 Microchip Technology Inc.
64 Lead Metric Plastic Quad Flat (BU) (MQFP)
D
E1
e
B
c
2
n
1
A
A1
A2
E
D1
f
a
(F)
b
L
§ Significant Characteristic
Drawing No. C04-022
Notes:
Dimensions D1 and E1 do not include mold flash or protrusions. Mold flash
or protrusions shall not exceed .010" (0.254mm) per side.
JEDEC equivalent: MS-022 BE.
*Controlling Parameter
.063 REF
(F)
Footprint (Reference)
Mold Draft Angle Top
Mold Draft Angle Bottom
Foot Angle
Lead Width
Lead Thickness
b
a
c
B
f
.004
0°
Dimension Limits
Overall Height
Molded Package Thickness
Molded Package Width
Molded Package Length
Foot Length
Standoff §
Overall Width
Number of Pins
Pitch
A
L
E1
D1
A1
E
A2
.029
.035
.551 BSC
.551 BSC
.000
.098
.677 BSC
.106
MIN
e
n
Units
.031 BSC
NOM
64
INCHES
1.60 REF
.009
6°
0.11
0°
0.23
7°
MILLIMETERS*
0.80 BSC
2.70
14.00 BSC
14.00 BSC
0.88
17.20 BSC
.124
.041
.114
.010
0.73
0.00
2.50
MIN
MAX
NOM
3.15
1.03
0.25
2.90
MAX
64
5°
5°
16°
5°
16°
16°
5°
16°
Overall Length
D
.677 BSC
17.20 BSC
0.45
0.29
.018
.011
Formerly TelCom PQFP package.
2.50
--
.098
--
--
--
--
--
--
--
--
--
--
--
--
--



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com