Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9912ABCPZ Datasheet(PDF) 9 Page - Analog Devices

Part # AD9912ABCPZ
Description  1 GSPS Direct Digital Synthesizer with 14-Bit DAC
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9912ABCPZ Datasheet(HTML) 9 Page - Analog Devices

Back Button AD9912ABCPZ Datasheet HTML 5Page - Analog Devices AD9912ABCPZ Datasheet HTML 6Page - Analog Devices AD9912ABCPZ Datasheet HTML 7Page - Analog Devices AD9912ABCPZ Datasheet HTML 8Page - Analog Devices AD9912ABCPZ Datasheet HTML 9Page - Analog Devices AD9912ABCPZ Datasheet HTML 10Page - Analog Devices AD9912ABCPZ Datasheet HTML 11Page - Analog Devices AD9912ABCPZ Datasheet HTML 12Page - Analog Devices AD9912ABCPZ Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 38 page
background image
Data Sheet
AD9912
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
analog.com
Rev. G | 9 of 38
Table 5. Pin Function Descriptions (Continued)
Pin No.
Input/
Output
Pin Type
Mnemonic
Description
38
O
3.3 V CMOS
OUT_CMOS
CMOS Output. See the Specifications section and the Output Clock Drivers and 2× Frequency
Multiplier section. This pin is 1.8 V CMOS if Pin 37 is set to 1.8 V.
40
I
Differential input FDBK_INB
Complementary Feedback Input. When using the HSTL and CMOS outputs, this pin is
connected to the filtered DAC_OUTB output. This internally biased input is typically ac-
coupled, and when configured as such, can accept any differential signal whose single-ended
swing is at least 400 mV.
41
I
Differential input FDBK_IN
Feedback Input. In standard operating mode, this pin is connected to the filtered DAC_OUT
output.
48
O
Current set
resistor
DAC_RSET
DAC Output Current Setting Resistor. Connect a resistor (usually 10 kΩ) from this pin to GND.
See the Digital-to-Analog (DAC) Output section.
50
O
Differential
output
DAC_OUT
DAC Output. This signal should be filtered and sent back on-chip through the FDBK_IN input.
This pin has an internal 50 Ω pull-down resistor.
51
O
Differential
output
DAC_OUTB
Complementary DAC Output. This signal should be filtered and sent back on-chip through the
FDBK_INB input. This pin has an internal 50 Ω pull-down resistor.
56, 57
Power
DVSS
Digital Ground. Connect to ground.
58
I
3.3 V CMOS
PWRDOWN
Power-Down. When this active high pin is asserted, the device becomes inactive and enters
the full power-down state. This pin has an internal 50 kΩ pull-down resistor.
59
I
3.3 V CMOS
RESET
Chip Reset. When this active high pin is asserted, the chip goes into reset. Note that on
power-up, a 10 μs reset pulse is internally generated when the power supplies reach a
threshold and stabilize. This pin should be grounded with a 10 kΩ resistor if not used.
60
I
3.3 V CMOS
IO_UPDATE
I/O Update. A logic transition from 0 to 1 on this pin transfers data from the I/O port registers to
the control registers (see the Write section). This pin has an internal 50 kΩ pull-down resistor.
61
I
3.3 V CMOS
CSB
Chip Select. Active low. When programming a device, this pin must be held low. In systems
where more than one AD9912 is present, this pin enables individual programming of each
AD9912. This pin has an internal 100 kΩ pull-up resistor.
62
O
3.3 V CMOS
SDO
Serial Data Output. When the device is in 3-wire mode, data is read on this pin. There is no
internal pull-up/pull-down resistor on this pin.
63
I/O
3.3 V CMOS
SDIO
Serial Data Input/Output. When the device is in 3-wire mode, data is written via this pin.
In 2-wire mode, data reads and writes both occur on this pin. There is no internal pull-up/
pull-down resistor on this pin.
64
I
3.3 V CMOS
SCLK
Serial Programming Clock. Data clock for serial programming. This pin has an internal 50 kΩ
pull-down resistor.
Exposed Die Pad
O
GND
EPAD
Analog Ground. The exposed die pad on the bottom of the package provides the analog
ground for the part; this exposed pad must be connected to ground for proper operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com