Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9912ABCPZ Datasheet(PDF) 16 Page - Analog Devices

Part # AD9912ABCPZ
Description  1 GSPS Direct Digital Synthesizer with 14-Bit DAC
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9912ABCPZ Datasheet(HTML) 16 Page - Analog Devices

Back Button AD9912ABCPZ Datasheet HTML 12Page - Analog Devices AD9912ABCPZ Datasheet HTML 13Page - Analog Devices AD9912ABCPZ Datasheet HTML 14Page - Analog Devices AD9912ABCPZ Datasheet HTML 15Page - Analog Devices AD9912ABCPZ Datasheet HTML 16Page - Analog Devices AD9912ABCPZ Datasheet HTML 17Page - Analog Devices AD9912ABCPZ Datasheet HTML 18Page - Analog Devices AD9912ABCPZ Datasheet HTML 19Page - Analog Devices AD9912ABCPZ Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 38 page
background image
Data Sheet
AD9912
THEORY OF OPERATION
analog.com
Rev. G | 16 of 38
Figure 39. Detailed Block Diagram
OVERVIEW
The AD9912 is a high performance, low noise, 14-bit DDS clock
synthesizer with integrated comparators for applications desiring an
agile, finely tuned square or sinusoidal output signal. A digitally
controlled oscillator (DCO) is implemented using a direct digital
synthesizer (DDS) with an integrated output DAC, clocked by the
system clock.
A bypassable PLL-based frequency multiplier is present, enabling
use of an inexpensive, low frequency source for the system clock.
For best jitter performance, the system clock PLL should be by-
passed, and a low noise, high frequency system clock should be
provided directly. Sampling theory sets an upper bound for the DDS
output frequency at 50% of fS (where fS is the DAC sample rate),
but a practical limitation of 40% of fS is generally recommended to
allow for the selectivity of the required off-chip reconstruction filter.
The output signal from the reconstruction filter can be fed back to
the AD9912 to be processed through the output circuitry. The output
circuitry includes HSTL and CMOS output buffers, as well as a
frequency doubler for applications that need frequencies above the
Nyquist level of the DDS.
The AD9912 also offers preprogrammed frequency profiles that
allow the user to generate frequencies without programming the
part. The individual functional blocks are described in the following
sections.
DIRECT DIGITAL SYNTHESIZER (DDS)
The frequency of the sinusoid generated by the DDS is determined
by a frequency tuning word (FTW), which is a digital (that is,
numeric) value. Unlike an analog sinusoidal generator, a DDS uses
digital building blocks and operates as a sampled system. Thus, it
requires a sampling clock (fS) that serves as the fundamental timing
source of the DDS. The accumulator behaves as a modulo-248
counter with a programmable step size that is determined by the
frequency tuning word (FTW). A block diagram of the DDS is shown
in Figure 40.
Figure 40. DDS Block Diagram
The input to the DDS is a 48-bit FTW that provides the accumulator
with a seed value. On each cycle of fS, the accumulator adds the
value of the FTW to the running total of its output. For example,
given an FTW = 5, the accumulator increments the count by 5 sec
on each fS cycle. Over time, the accumulator reaches the upper
end of its capacity (248 in this case) and then rolls over, retaining
the excess. The average rate at which the accumulator rolls over
establishes the frequency of the output sinusoid. The following
equation defines the average rollover rate of the accumulator and
establishes the output frequency (fDDS) of the DDS:
fDDS= FTW248 fS
(1)
Solving this equation for FTW yields
FTW=round248 fDDSfS
(2)
For example, given that fS = 1 GHz and fDDS = 19.44 MHz, then
FTW = 5,471,873,547,255 (0x04FA05143BF7).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com