Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9912ABCPZ Datasheet(PDF) 18 Page - Analog Devices

Part # AD9912ABCPZ
Description  1 GSPS Direct Digital Synthesizer with 14-Bit DAC
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9912ABCPZ Datasheet(HTML) 18 Page - Analog Devices

Back Button AD9912ABCPZ Datasheet HTML 14Page - Analog Devices AD9912ABCPZ Datasheet HTML 15Page - Analog Devices AD9912ABCPZ Datasheet HTML 16Page - Analog Devices AD9912ABCPZ Datasheet HTML 17Page - Analog Devices AD9912ABCPZ Datasheet HTML 18Page - Analog Devices AD9912ABCPZ Datasheet HTML 19Page - Analog Devices AD9912ABCPZ Datasheet HTML 20Page - Analog Devices AD9912ABCPZ Datasheet HTML 21Page - Analog Devices AD9912ABCPZ Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 38 page
background image
Data Sheet
AD9912
THEORY OF OPERATION
analog.com
Rev. G | 18 of 38
plus 20%, rolls off as steeply as possible, and then maintains
significant (though not complete) rejection of the remaining images.
Depending on how close unwanted spurs are to the desired signal,
a third-, fifth-, or seventh-order elliptic low-pass filter is common.
Some applications operate off an image above the Nyquist frequen-
cy, and those applications use a band-pass filter instead of a
low-pass filter.
The design of the reconstruction filter has a significant impact on
the overall signal performance. Therefore, good filter design and
implementation techniques are important for obtaining the best
possible jitter results.
FDBK_IN INPUTS
The FDBK_IN pins serve as the input to the comparators and out-
put drivers of the AD9912. Typically, these pins are used to receive
the signal generated by the DDS after it has been band-limited by
the external reconstruction filter.
A diagram of the FDBK_IN input pins is provided in Figure 43,
which includes some of the internal components used to bias the
input circuitry. Note that the FDBK_IN input pins are internally
biased to a dc level of ~1 V. Care should be taken to ensure that
any external connections do not disturb the dc bias because this
may significantly degrade performance.
Figure 43. Differential FDBK_IN Inputs
SYSCLK INPUTS
Functional Description
An external time base connects to the AD9912 at the SYSCLK pins
to generate the internal high frequency system clock (fS).
The SYSCLK inputs can be operated in one of the following three
modes:
►
SYSCLK PLL bypassed
►
SYSCLK PLL enabled with input signal generated externally
►
Crystal resonator with SYSCLK PLL enabled
A functional diagram of the system clock generator is shown in
Figure 44.
The SYSCLK PLL multiplier path is enabled by a Logic 0 (default)
in the PD SYSCLK PLL bit (Register 0x0010, Bit 4) of the I/O
register map. The SYSCLK PLL multiplier can be driven from
the SYSCLK input pins by one of two means, depending on the
logic level applied to the 1.8 V CMOS CLKMODESEL pin. When
CLKMODESEL = 0, a crystal can be connected directly across the
SYSCLK pins. When CLKMODESEL = 1, the maintaining amp is
disabled, and an external frequency source (such as an oscillator
or signal generator) can be connected directly to the SYSCLK input
pins. Note that CLKMODESEL = 1 does not disable the system
clock PLL.
The maintaining amp on the AD9912 SYSCLK pins is intended for
25 MHz, 3.2 mm × 2.5 mm AT cut fundamental mode crystals with
a maximum motional resistance of 100 Ω. The following crystals,
listed in alphabetical order, meet these criteria (as of the revision
date of this data sheet):
►
AVX/Kyocera CX3225SB
►
ECS ECX-32
►
Epson/Toyocom TSX-3225
►
Fox FX3225BS
►
NDK NX3225SA
Note that although these crystals meet the preceding criteria ac-
cording to their data sheets, Analog Devices, Inc., does not guar-
antee their operation with the AD9912, nor does Analog Devices
endorse one supplier of crystals over another.
When the SYSCLK PLL multiplier path is disabled, the AD9912
must be driven by a high frequency signal source (250 MHz to 1
GHz). The signal thus applied to the SYSCLK input pins becomes
the internal DAC sampling clock (fS) after passing through an
internal buffer.
It is important to note that when bypassing the system clock PLL,
the LOOP_FILTER pin (Pin 31) should be pulled down to the analog
ground with a 1 kΩ resistor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com