Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9912ABCPZ Datasheet(PDF) 2 Page - Analog Devices

Part # AD9912ABCPZ
Description  1 GSPS Direct Digital Synthesizer with 14-Bit DAC
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9912ABCPZ Datasheet(HTML) 2 Page - Analog Devices

  AD9912ABCPZ Datasheet HTML 1Page - Analog Devices AD9912ABCPZ Datasheet HTML 2Page - Analog Devices AD9912ABCPZ Datasheet HTML 3Page - Analog Devices AD9912ABCPZ Datasheet HTML 4Page - Analog Devices AD9912ABCPZ Datasheet HTML 5Page - Analog Devices AD9912ABCPZ Datasheet HTML 6Page - Analog Devices AD9912ABCPZ Datasheet HTML 7Page - Analog Devices AD9912ABCPZ Datasheet HTML 8Page - Analog Devices AD9912ABCPZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 38 page
background image
Data Sheet
AD9912
TABLE OF CONTENTS
analog.com
Rev. G | 2 of 38
Features................................................................ 1
Applications........................................................... 1
General Description...............................................1
Basic Block Diagram............................................. 1
Specifications........................................................ 3
DC Specifications............................................... 3
AC Specifications............................................... 4
Absolute Maximum Ratings...................................7
Thermal Resistance........................................... 7
ESD Caution.......................................................7
Pin Configuration and Function Descriptions........ 8
Typical Performance Characteristics................... 10
Input/Output Termination Recommendations...... 15
Theory of Operation.............................................16
Overview.......................................................... 16
Direct Digital Synthesizer (DDS)...................... 16
Digital-to-Analog (DAC) Output........................ 17
Reconstruction Filter........................................ 17
FDBK_IN Inputs............................................... 18
SYSCLK Inputs................................................ 18
Output Clock Drivers and 2× Frequency
Multiplier......................................................... 21
Harmonic Spur Reduction................................ 21
Thermal Performance..........................................23
Power-Up.............................................................24
Power-On Reset...............................................24
Default Output Frequency on Power-Up.......... 24
Power Supply Partitioning................................... 25
3.3 V Supplies.................................................. 25
1.8 V Supplies.................................................. 25
Serial Control Port............................................... 26
Serial Control Port Pin Descriptions................. 26
Operation of Serial Control Port....................... 26
The Instruction Word (16 Bits)..........................27
MSB/LSB First Transfers..................................27
I/O Register Map................................................. 30
I/O Register Descriptions.....................................32
Serial Port Configuration (Register 0x0000
to Register 0x0005)........................................ 32
Power-Down and Reset (Register 0x0010 to
Register 0x0013)............................................ 32
System Clock (Register 0x0020 to Register
0x0022).......................................................... 33
CMOS Output Divider (S-Divider) (Register
0x0100 to Register 0x0106)........................... 34
Frequency Tuning Word (Register 0x01A0
to Register 0x01AD)....................................... 34
Doubler and Output Drivers (Register
0x0200 to Register 0x0201)........................... 36
Calibration (User-Accessible Trim) (Register
0x0400 to Register 0x0410)........................... 36
Harmonic Spur Reduction (Register 0x0500
to Register 0x0509)........................................ 36
Outline Dimensions............................................. 38
Ordering Guide.................................................38
Evaluation Boards............................................ 38
REVISION HISTORY
7/2023—Rev. F to Rev. G
Changes to Figure 2........................................................................................................................................ 8
Change to Table 12........................................................................................................................................30
Updated Outline Dimensions......................................................................................................................... 38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com