Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9912ABCPZ Datasheet(PDF) 21 Page - Analog Devices

Part # AD9912ABCPZ
Description  1 GSPS Direct Digital Synthesizer with 14-Bit DAC
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9912ABCPZ Datasheet(HTML) 21 Page - Analog Devices

Back Button AD9912ABCPZ Datasheet HTML 17Page - Analog Devices AD9912ABCPZ Datasheet HTML 18Page - Analog Devices AD9912ABCPZ Datasheet HTML 19Page - Analog Devices AD9912ABCPZ Datasheet HTML 20Page - Analog Devices AD9912ABCPZ Datasheet HTML 21Page - Analog Devices AD9912ABCPZ Datasheet HTML 22Page - Analog Devices AD9912ABCPZ Datasheet HTML 23Page - Analog Devices AD9912ABCPZ Datasheet HTML 24Page - Analog Devices AD9912ABCPZ Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 38 page
background image
Data Sheet
AD9912
THEORY OF OPERATION
analog.com
Rev. G | 21 of 38
OUTPUT CLOCK DRIVERS AND 2×
FREQUENCY MULTIPLIER
There are two output drivers provided by the AD9912. The primary
output driver supports differential 1.8 V HSTL output levels, while
the secondary supports either 1.8 V or 3.3 V CMOS levels, depend-
ing on whether Pin 37 is driven at 1.8 V or 3.3 V.
The primary differential driver nominally provides an output voltage
with 100 Ω load applied differentially. The source impedance of the
driver is approximately 100 Ω for most of the output clock period;
during transition between levels, the source impedance reaches a
maximum of about 500 Ω. The driver is designed to support output
frequencies of up to and beyond the OC-12 network rate of 622.08
MHz.
The output clock can also be powered down by a control bit in the
I/O register map.
Primary 1.8 V Differential HSTL Driver
The DDS produces a sinusoidal clock signal that is sampled at the
system clock rate. This DDS output signal is routed off chip where
it is passed through an analog filter and brought back on chip for
buffering and, if necessary, frequency doubling. Where possible, for
the best jitter performance, it is recommended that the frequency
doubler be bypassed.
The 1.8 V HSTL output should be ac-coupled, with 100 Ω termina-
tion at the destination. The driver design has low jitter injection for
frequencies in the range of 50 MHz to 750 MHz. Refer to the AC
Specifications section for the exact frequency limits.
2× Frequency Multiplier
The AD9912 can be configured (via the I/O register map) with an
internal 2× delay-locked loop (DLL) multiplier at the input of the
primary clock driver. The extra octave of frequency gain allows the
AD9912 to provide output clock frequencies that exceed the range
available from the DDS alone. These settings are found in Register
0x0010 and Register 0x0200.
The input to the DLL consists of the filtered DDS output signal after
it has been squared up by an integrated clock receiver circuit. The
DLL can accept input frequencies in the range of 200 MHz to 400
MHz.
Single-Ended CMOS Output
In addition to the high-speed differential output clock driver, the
AD9912 provides an independent, single-ended output, CMOS
clock driver that is very good for frequencies up to 150 MHz. The
signal path for the CMOS clock driver can either include or bypass
the CMOS output divider.
If the CMOS output divider is bypassed, the HSTL and CMOS
drivers are the same frequency as the signal presented at the
FDBK_IN pins. When using the CMOS output in this configuration,
the DDS output frequency should be in the range of 30 MHz to
150 MHz. At low output frequencies (<30 MHz), the low slew rate
of the DAC results in a higher noise floor. This can be remedied
by running the DDS at 100 MHz or greater and using the CMOS
divider. At an output frequency of 50 MHz, the best technique
depends on the user’s application. Running the DDS at 200 MHz,
and using a CMOS divider of 4, results in a lower noise floor, but at
the expense of close-in phase noise.
At frequencies greater than 150 MHz, the HSTL output should be
used.
CMOS Output Divider (S-Divider)
The CMOS output divider is 16 bits cascaded with an additional
divide-by-two. The divider is therefore capable of integer division
from 1 to 65,535 (index of 1) or from 2 to 131,070 (index of 2). The
divider is programmed via the I/O register map to trigger on either
the rising (default) or falling edge of the feedback signal.
The CMOS output divider is an integer divider capable of handling
frequencies well above the Nyquist limit of the DDS. The S-divider/2
bit (Register 0x0106, Bit 0) must be set when FDBK_IN is greater
than 400 MHz.
Note that the actual output divider values equal the value stored in
the output divider register minus one. Therefore, to have an output
divider of one, the user writes zeros to the output divider register.
HARMONIC SPUR REDUCTION
The most significant spurious signals produced by the DDS are
harmonically related to the desired output frequency of the DDS.
The source of these harmonic spurs can usually be traced to
the DAC, and the spur level is in the −60 dBc range. This ratio
represents a level that is about 10 bits below the full-scale output of
the DAC (10 bits down is 2−10, or 1/1024).
Such a spur can be reduced by combining the original signal with
a replica of the spur, but offset in phase by 180°. This idea is
the foundation of the technique used to reduce harmonic spurs in
the AD9912. Because the DAC has 14-bit resolution, a −60 dBc
spur can be synthesized using only the lower 4 bits of the DAC
full-scale range. That is, the 4 LSBs can create an output level
that is approximately 60 dB below the full-scale level of the DAC
(commensurate with a −60 dBc spur). This fact gives rise to a
means of digitally reducing harmonic spurs or their aliased images
in the DAC output spectrum by digitally adding a sinusoid at the
input of the DAC with a similar magnitude as the offending spur, but
shifted in phase to produce destructive interference.
Although the worst spurs tend to be harmonic in origin, the fact that
the DAC is part of a sampled system results in the possibility of
spurs appearing in the output spectrum that are not harmonically
related to the fundamental. For example, if the DAC is sampled
at 1 GHz and generates an output sinusoid of 170 MHz, the fifth
harmonic would normally be at 850 MHz. However, because of
the sampling process, this spur appears at 150 MHz, only 20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com