Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9912ABCPZ Datasheet(PDF) 12 Page - Analog Devices

Part # AD9912ABCPZ
Description  1 GSPS Direct Digital Synthesizer with 14-Bit DAC
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9912ABCPZ Datasheet(HTML) 12 Page - Analog Devices

Back Button AD9912ABCPZ Datasheet HTML 8Page - Analog Devices AD9912ABCPZ Datasheet HTML 9Page - Analog Devices AD9912ABCPZ Datasheet HTML 10Page - Analog Devices AD9912ABCPZ Datasheet HTML 11Page - Analog Devices AD9912ABCPZ Datasheet HTML 12Page - Analog Devices AD9912ABCPZ Datasheet HTML 13Page - Analog Devices AD9912ABCPZ Datasheet HTML 14Page - Analog Devices AD9912ABCPZ Datasheet HTML 15Page - Analog Devices AD9912ABCPZ Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 38 page
background image
Data Sheet
AD9912
TYPICAL PERFORMANCE CHARACTERISTICS
analog.com
Rev. G | 12 of 38
Figure 15. Absolute Phase Noise Using HSTL Driver, SYSCLK = 1 GHz
Wenzel Oscillator (SYSCLK PLL Bypassed), HSTL Output Doubler Enabled
Figure 16. Absolute Phase Noise Using CMOS Driver at 3.3 V, SYSCLK = 1
GHz Wenzel Oscillator (SYSCLK PLL Bypassed) DDS Run at 200 MSPS for 10
MHz Plot
Figure 17. Absolute Phase Noise Using CMOS Driver at 1.8 V,SYSCLK = 1
GHz Wenzel Oscillator (SYSCLK PLL Bypassed)
Figure 18. Power Dissipation vs. System Clock Frequency (SYSCLK PLL
Bypassed), fOUT = fSYSCLK/5, HSTL Driver On, CMOS Driver On, SpurKiller Off
Figure 19. Power Dissipation vs. Output Frequency SYSCLK = 1 GHz
(SYSCLK PLL Bypassed), HSTL Driver On, CMOS Driver On, SpurKiller Off
Figure 20. SFDR Comparison With and Without SpurKiller, SYSCLK = 1 GHz,
fOUT = 400 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com