Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M25PX32 Datasheet(PDF) 14 Page - STMicroelectronics

Part # M25PX32
Description  32-Mbit, dual I/O, 4-Kbyte subsector erase, serial Flash memory with 75 MHz SPI bus interface
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M25PX32 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button M25PX32 Datasheet HTML 10Page - STMicroelectronics M25PX32 Datasheet HTML 11Page - STMicroelectronics M25PX32 Datasheet HTML 12Page - STMicroelectronics M25PX32 Datasheet HTML 13Page - STMicroelectronics M25PX32 Datasheet HTML 14Page - STMicroelectronics M25PX32 Datasheet HTML 15Page - STMicroelectronics M25PX32 Datasheet HTML 16Page - STMicroelectronics M25PX32 Datasheet HTML 17Page - STMicroelectronics M25PX32 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 63 page
background image
Operating features
M25PX32
14/63
4.5
Fast Bulk Erase mode
The Fast Bulk Erase mode is used to speed up Bulk Erase operations. The device enters
the Fast Bulk Erase mode during a Bulk Erase instruction whenever a voltage equal to VPPH
is applied to the W/VPP pin.
The use of the Fast Bulk Erase mode requires specific operating conditions in addition to the
normal ones (VCC must be within the normal operating range):
●
the voltage applied to the W/VPP pin must be equal to VPPH (see Table 13)
●
ambient temperature, TA must be 25 °C ±10 °C,
●
the cumulated time during which W/VPP is at VPPH should be less than 80 hours.
4.6
Active Power, Standby Power and Deep Power-down modes
When Chip Select (S) is Low, the device is selected, and in the Active Power mode.
When Chip Select (S) is High, the device is deselected, but could remain in the Active Power
mode until all internal cycles have completed (Program, Erase, Write Status Register). The
device then goes in to the Standby Power mode. The device consumption drops to ICC1.
The Deep Power-down mode is entered when the specific instruction (the Deep Power-
down (DP) instruction) is executed. The device consumption drops further to ICC2. The
device remains in this mode until another specific instruction (the Release from Deep
Power-down (RDP) instruction) is executed.
While in the Deep Power-down mode, the device ignores all Write, Program and Erase
instructions (see Deep Power-down (DP)), this can be used as an extra software protection
mechanism, when the device is not in active use, to protect the device from inadvertent
Write, Program or Erase instructions.
4.7
Status Register
The Status Register contains a number of status and control bits that can be read or set (as
appropriate) by specific instructions. See Section 6.4: Read Status Register (RDSR) for a
detailed description of the Status Register bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com