Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M25PX32 Datasheet(PDF) 40 Page - STMicroelectronics

Part # M25PX32
Description  32-Mbit, dual I/O, 4-Kbyte subsector erase, serial Flash memory with 75 MHz SPI bus interface
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M25PX32 Datasheet(HTML) 40 Page - STMicroelectronics

Back Button M25PX32 Datasheet HTML 36Page - STMicroelectronics M25PX32 Datasheet HTML 37Page - STMicroelectronics M25PX32 Datasheet HTML 38Page - STMicroelectronics M25PX32 Datasheet HTML 39Page - STMicroelectronics M25PX32 Datasheet HTML 40Page - STMicroelectronics M25PX32 Datasheet HTML 41Page - STMicroelectronics M25PX32 Datasheet HTML 42Page - STMicroelectronics M25PX32 Datasheet HTML 43Page - STMicroelectronics M25PX32 Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 63 page
background image
Instructions
M25PX32
40/63
Figure 19.
Dual Input Fast Program (DIFP) instruction sequence
1.
A23 to A22 are Don't care.
AI14229
C
DQ0
S
23
2
1
3456789 10
28 29 30 31
22 21
3210
Instruction
24-bit address
0
C
DQ0
S
34
33
35 36 37 38 39 40 41 42
44 45 46 47
32
43
642064
0
2
642064
0
2
6420
MSB
MSB
MSB
DQ1
High Impedance
64
2
0
DQ1
7531
1
75
3
75
3
7
5
MSB
31
1
MSB
7531
75
3
1
MSB
DATA IN 1
DATA IN 4
DATA IN 5
DATA IN 256
DATA IN 3
DATA IN 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com