Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M25PX32 Datasheet(PDF) 27 Page - STMicroelectronics

Part # M25PX32
Description  32-Mbit, dual I/O, 4-Kbyte subsector erase, serial Flash memory with 75 MHz SPI bus interface
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M25PX32 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button M25PX32 Datasheet HTML 23Page - STMicroelectronics M25PX32 Datasheet HTML 24Page - STMicroelectronics M25PX32 Datasheet HTML 25Page - STMicroelectronics M25PX32 Datasheet HTML 26Page - STMicroelectronics M25PX32 Datasheet HTML 27Page - STMicroelectronics M25PX32 Datasheet HTML 28Page - STMicroelectronics M25PX32 Datasheet HTML 29Page - STMicroelectronics M25PX32 Datasheet HTML 30Page - STMicroelectronics M25PX32 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 63 page
background image
M25PX32
Instructions
27/63
6.3
Read Identification (RDID)
The Read Identification (RDID) instruction allows to read the device identification data:
●
Manufacturer identification (one byte)
●
Device identification (two bytes)
●
A Unique ID code (UID) followed by 16 bytes of CFI data
The manufacturer identification is assigned by JEDEC, and has the value 20h for
STMicroelectronics. The device identification is assigned by the device manufacturer, and
indicates the memory type in the first byte (71h), and the memory capacity of the device in
the second byte (16h). The UID is set to 10h and indicates that 16 bytes, related to the CFI
content, are following.
Any Read Identification (RDID) instruction while an Erase or Program cycle is in progress, is
not decoded, and has no effect on the cycle that is in progress.
The Read Identification (RDID) instruction should not be issued while the device is in Deep
Power-down mode.
The device is first selected by driving Chip Select (S) Low. Then, the 8-bit instruction code
for the instruction is shifted in. After this, the 24-bit device identification, stored in the
memory, the 8-bit Unique ID code followed by 16 bytes of CFI content will be shifted out on
Serial Data output (DQ1). Each bit is shifted out during the falling edge of Serial Clock (C).
The instruction sequence is shown in Figure 10.
The Read Identification (RDID) instruction is terminated by driving Chip Select (S) High at
any time during data output.
When Chip Select (S) is driven High, the device is put in the Standby Power mode. Once in
the Standby Power mode, the device waits to be selected, so that it can receive, decode and
execute instructions.
Figure 10.
Read Identification (RDID) instruction sequence and data-out sequence
Table 6.
Read Identification (RDID) data-out sequence
Manufacturer identification
Device identification
UID
CFI content
Memory type
Memory capacity
20h
71h
16h
10h
16 bytes
C
DQ0
S
2
13
456789 10 11 12 13 14 15
Instruction
0
AI06809d
DQ1
Manufacturer Identification
High Impedance
MSB
Device Identification
MSB
15 14 13
3
2
1
0
16 17 18
28 29 30 31
MSB
UID + CFI Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com