Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M25PX32 Datasheet(PDF) 21 Page - STMicroelectronics

Part # M25PX32
Description  32-Mbit, dual I/O, 4-Kbyte subsector erase, serial Flash memory with 75 MHz SPI bus interface
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M25PX32 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button M25PX32 Datasheet HTML 17Page - STMicroelectronics M25PX32 Datasheet HTML 18Page - STMicroelectronics M25PX32 Datasheet HTML 19Page - STMicroelectronics M25PX32 Datasheet HTML 20Page - STMicroelectronics M25PX32 Datasheet HTML 21Page - STMicroelectronics M25PX32 Datasheet HTML 22Page - STMicroelectronics M25PX32 Datasheet HTML 23Page - STMicroelectronics M25PX32 Datasheet HTML 24Page - STMicroelectronics M25PX32 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 63 page
background image
M25PX32
Memory organization
21/63
41
671
29F000h
29FFFFh
30
495
1EF000h
1EFFFFh
656
290000h
290FFFh
480
1E0000h
1E0FFFh
40
655
28F000h
28FFFFh
29
479
1DF000h
1DFFFFh
640
280000h
280FFFh
464
1D0000h
1D0FFFh
39
639
27F000h
27FFFFh
28
463
1CF000h
1CFFFFh
624
270000h
270FFFh
448
1C0000h
1C0FFFh
38
623
26F000h
26FFFFh
27
447
1BF000h
1BFFFFh
608
260000h
260FFFh
432
1B0000h
1B0FFFh
37
607
25F000h
25FFFFh
26
431
1AF000h
1AFFFFh
592
250000h
250FFFh
416
1A0000h
1A0FFFh
36
591
24F000h
24FFFFh
25
415
19F000h
19FFFFh
576
240000h
240FFFh
400
190000h
190FFFh
35
575
23F000h
23FFFFh
24
399
18F000h
18FFFFh
560
230000h
230FFFh
384
180000h
180FFFh
34
559
22F000h
22FFFFh
23
383
17F000h
17FFFFh
544
220000h
220FFFh
368
170000h
170FFFh
33
543
21F000h
21FFFFh
22
367
16F000h
16FFFFh
528
210000h
210FFFh
352
160000h
160FFFh
32
527
20F000h
20FFFFh
21
351
15F000h
15FFFFh
512
200000h
200FFFh
336
150000h
150FFFh
31
511
1FF000h
1FFFFFh
20
335
14F000h
14FFFFh
496
1F0000h
1F0FFFh
320
140000h
140FFFh
Table 4.
Memory organization (continued)
Sector
Subsector
Address range
Sector
Subsector
Address range



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com