Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M25PX32 Datasheet(PDF) 49 Page - STMicroelectronics

Part # M25PX32
Description  32-Mbit, dual I/O, 4-Kbyte subsector erase, serial Flash memory with 75 MHz SPI bus interface
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M25PX32 Datasheet(HTML) 49 Page - STMicroelectronics

Back Button M25PX32 Datasheet HTML 45Page - STMicroelectronics M25PX32 Datasheet HTML 46Page - STMicroelectronics M25PX32 Datasheet HTML 47Page - STMicroelectronics M25PX32 Datasheet HTML 48Page - STMicroelectronics M25PX32 Datasheet HTML 49Page - STMicroelectronics M25PX32 Datasheet HTML 50Page - STMicroelectronics M25PX32 Datasheet HTML 51Page - STMicroelectronics M25PX32 Datasheet HTML 52Page - STMicroelectronics M25PX32 Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 63 page
background image
M25PX32
Power-up and Power-down
49/63
7
Power-up and Power-down
At Power-up and Power-down, the device must not be selected (that is Chip Select (S) must
follow the voltage applied on VCC) until VCC reaches the correct value:
●
VCC(min) at Power-up, and then for a further delay of tVSL
●
VSS at Power-down
A safe configuration is provided in Section 3: SPI modes.
To avoid data corruption and inadvertent write operations during Power-up, a Power On
Reset (POR) circuit is included. The logic inside the device is held reset while VCC is less
than the Power On Reset (POR) threshold voltage, VWI – all operations are disabled, and
the device does not respond to any instruction.
Moreover, the device ignores all Write Enable (WREN), Page Program (PP), Dual Input Fast
Program (DIFP), Program OTP (POTP), Subsector Erase (SSE), Sector Erase (SE), Bulk
Erase (BE), Write Status Register (WRSR) and Write to Lock Register (WRLR) instructions
until a time delay of tPUW has elapsed after the moment that VCC rises above the VWI
threshold. However, the correct operation of the device is not guaranteed if, by this time, VCC
is still below VCC(min). No Write Status Register, Program or Erase instructions should be
sent until the later of:
●
tPUW after VCC has passed the VWI threshold
●
tVSL after VCC has passed the VCC(min) level
These values are specified in Table 11.
If the time, tVSL, has elapsed, after VCC rises above VCC(min), the device can be selected for
READ instructions even if the tPUW delay has not yet fully elapsed.
After Power-up, the device is in the following state:
●
The device is in the Standby Power mode (not the Deep Power-down mode).
●
The Write Enable Latch (WEL) bit is reset.
●
The Write In Progress (WIP) bit is reset.
●
The Lock Registers are configured as: (Write Lock bit, Lock Down bit) = (0,0)
Normal precautions must be taken for supply line decoupling, to stabilize the VCC supply.
Each device in a system should have the VCC line decoupled by a suitable capacitor close to
the package pins (generally, this capacitor is of the order of 100 nF).
At Power-down, when VCC drops from the operating voltage, to below the Power On Reset
(POR) threshold voltage, VWI, all operations are disabled and the device does not respond
to any instruction. (The designer needs to be aware that if Power-down occurs while a Write,
Program or Erase cycle is in progress, some data corruption may result.)
●
VPPH must be applied only when VCC is stable and in the VCCmin to VCCmax voltage
range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com