Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M25PX32 Datasheet(PDF) 41 Page - STMicroelectronics

Part # M25PX32
Description  32-Mbit, dual I/O, 4-Kbyte subsector erase, serial Flash memory with 75 MHz SPI bus interface
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M25PX32 Datasheet(HTML) 41 Page - STMicroelectronics

Back Button M25PX32 Datasheet HTML 37Page - STMicroelectronics M25PX32 Datasheet HTML 38Page - STMicroelectronics M25PX32 Datasheet HTML 39Page - STMicroelectronics M25PX32 Datasheet HTML 40Page - STMicroelectronics M25PX32 Datasheet HTML 41Page - STMicroelectronics M25PX32 Datasheet HTML 42Page - STMicroelectronics M25PX32 Datasheet HTML 43Page - STMicroelectronics M25PX32 Datasheet HTML 44Page - STMicroelectronics M25PX32 Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 63 page
background image
M25PX32
Instructions
41/63
6.13
Program OTP instruction (POTP)
The Program OTP instruction (POTP) is used to program at most 64 bytes to the OTP
memory area (by changing bits from 1 to 0, only). Before it can be accepted, a Write Enable
(WREN) instruction must previously have been executed. After the Write Enable (WREN)
instruction has been decoded, the device sets the Write Enable Latch (WEL) bit.
The Program OTP instruction is entered by driving Chip Select (S) Low, followed by the
instruction opcode, three address bytes and at least one data byte on Serial Data input
(DQ0).
Chip Select (S) must be driven High after the eighth bit of the last data byte has been
latched in, otherwise the Program OTP instruction is not executed.
There is no rollover mechanism with the Program OTP (POTP) instruction. This means that
the Program OTP (POTP) instruction must be sent with a maximum of 65 bytes to program,
once all 65 bytes have been latched in, any following byte will be discarded.
The instruction sequence is shown in Figure 20.
As soon as Chip Select (S) is driven High, the self-timed Page Program cycle (whose
duration is tPP) is initiated. While the Program OTP cycle is in progress, the Status Register
may be read to check the value of the Write In Progress (WIP) bit. The Write In Progress
(WIP) bit is 1 during the self-timed Program OTP cycle, and it is 0 when it is completed. At
some unspecified time before the cycle is complete, the Write Enable Latch (WEL) bit is
reset.
To lock the OTP memory:
Bit 0 of the OTP control byte, that is byte 64, (see Figure 21) is used to permanently lock the
OTP memory array.
●
When bit 0 of byte 64 = ’1’, the 64 bytes of the OTP memory array can be programmed.
●
When bit 0 of byte 64 = ‘0’, the 64 bytes of the OTP memory array are read-only and
cannot be programmed anymore.
Once a bit of the OTP memory has been programmed to ‘0’, it can no longer be set to ‘1’.
Therefore, as soon as bit 0 of byte 64 (control byte) is set to ‘0’, the 64 bytes of the OTP
memory array become read-only in a permanent way.
Any Program OTP (POTP) instruction issued while an Erase, Program or Write cycle is in
progress is rejected without having any effect on the cycle that is in progress.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com