Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA8752H/6 Datasheet(PDF) 12 Page - NXP Semiconductors

Part # TDA8752H/6
Description  Triple high speed Analog-to-Digital Converter ADC
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8752H/6 Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button TDA8752H/6 Datasheet HTML 8Page - NXP Semiconductors TDA8752H/6 Datasheet HTML 9Page - NXP Semiconductors TDA8752H/6 Datasheet HTML 10Page - NXP Semiconductors TDA8752H/6 Datasheet HTML 11Page - NXP Semiconductors TDA8752H/6 Datasheet HTML 12Page - NXP Semiconductors TDA8752H/6 Datasheet HTML 13Page - NXP Semiconductors TDA8752H/6 Datasheet HTML 14Page - NXP Semiconductors TDA8752H/6 Datasheet HTML 15Page - NXP Semiconductors TDA8752H/6 Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 36 page
background image
1999 Mar 09
12
Philips Semiconductors
Product specification
Triple high speed Analog-to-Digital
Converter (ADC)
TDA8752
Phase-locked loop
The ADCs are clocked either by an internal PLL locked to
the CKREF clock, (all of the PLL is on-chip except the loop
filter capacitance) or an external clock, CKEXT. Selection
is performed via the serial interface bus.
The reference clock (CKREF) range is between
15 and 280 kHz. Consequently, the VCO minimum
frequency is 12 MHz and the maximum frequency
100 MHz for the TDA8752/8 and 60 MHz for the
TDA8752/6. The gain of the VCO part can be controlled via
the serial interface, depending on the frequency range to
which the PLL is locked.
To increase the bandwidth of the PLL, the charge pump
current, controlled by the serial interface, must also be
increased. The relationship between the frequency and
the current is given by the following equation:
Where:
fn = the natural PLL frequency
KO = the VCO gain
N = the division number
Cz and CP = capacitors of the PLL filter.
The other PLL equation is as follows:
f
n
1
2
π
-------
K
O IP
C
z
(
C
P ) N
+
-----------------------------------
=
Where:
fz = loop filter zero frequency
R = the chosen resistance for the filter
ξ = the damping factor.
Different resistances for the filter can be programmed via
the serial interface. To have better performances, the PLL
parameters should be chosen so that:
fn/fref ≅ 0.05
ξ≅ 1.5.
It is possible to control (independently) the phase of the
ADC clock and the phase of an additional clock output
(which could be used to drive a second TDA8752).
For this, two serial interface-controlled digital phase-shift
controllers are included (controlled by 5-bit registers,
phase shift controller steps are 11.25
° each on the whole
PLL frequency range).
CKREF is resynchronized, by the synchro block, on the
CKAO clock. The output is CKREFO (LOW during 8 clock
periods). CKAO is the clock at the output of the phase
selector A. This clock can be used as the clocks for CKBO
and CKADCO. The timing is given in Fig.5.
f
z
1
2
π R
×
C
z
×
------------------------------ and
ξ
1
2
---
f
n
f
z
----
×
=



=
tCKAO =tCLK(buffer) +tphase selector (tCLK(buffer) = 10 ns and tphase selector =
× TCLK(pixel)).
tCKREFO = either tCKAO if phase A ≥01000 or tCKAO +TCLK(pixel) if phase A <01000.
t
phase selector
2
π
-------------------------------
Fig.5 Timing.
andbook, full pagewidth
tCKAO
tCKREFO
MBK773
CKREF
CKAO
CKREFO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com