Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA8752H/6 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # TDA8752H/6
Description  Triple high speed Analog-to-Digital Converter ADC
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8752H/6 Datasheet(HTML) 2 Page - NXP Semiconductors

  TDA8752H/6 Datasheet HTML 1Page - NXP Semiconductors TDA8752H/6 Datasheet HTML 2Page - NXP Semiconductors TDA8752H/6 Datasheet HTML 3Page - NXP Semiconductors TDA8752H/6 Datasheet HTML 4Page - NXP Semiconductors TDA8752H/6 Datasheet HTML 5Page - NXP Semiconductors TDA8752H/6 Datasheet HTML 6Page - NXP Semiconductors TDA8752H/6 Datasheet HTML 7Page - NXP Semiconductors TDA8752H/6 Datasheet HTML 8Page - NXP Semiconductors TDA8752H/6 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
1999 Mar 09
2
Philips Semiconductors
Product specification
Triple high speed Analog-to-Digital
Converter (ADC)
TDA8752
FEATURES
• Triple 8-bit ADC
• Sampling rate up to 100 MHz
• IC controllable via a serial interface, which can be either
I2C-bus or 3-wire, selected via a TTL input pin
• IC analog voltage input from 0.4 to 1.2 V (p-p) to
produce full-scale ADC input of 1 V (p-p)
• 3 clamps for programming a clamping code between
−63.5 and +64 in steps of 1⁄2LSB
• 3 controllable amplifiers: gain controlled via the serial
interface to produce a full scale resolution of 1
⁄2LSB
peak-to-peak
• Amplifier bandwidth of 250 MHz
• Low gain variation with temperature
• PLL, controllable via the serial interface to generate the
ADC clock, which can be locked to a line frequency from
15 to 280 kHz
• Integrated PLL divider
• Programmable phase clock adjustment cells
• Internal voltage regulators
• TTL compatible digital inputs and outputs
• Chip enable high-impedance ADC output
• Power-down mode
• Possibility to use up to four ICs in the same system,
using the I2C-bus interface, or more, using the 3-wire
serial interface
• 1 W power dissipation.
APPLICATIONS
• R, G and B high speed digitizing
• LCD panels drive
• LCD projection systems
• VGA and higher resolutions
• Using two ICs in parallel, higher display resolution can
be obtained; 200 MHz pixel frequency.
GENERAL DESCRIPTION
The TDA8752 is a triple 8-bit ADC with controllable
amplifiers and clamps for the digitizing of large bandwidth
RGB signals.
The clamp level, the gain and all of the other settings are
controlled via a serial interface (either I2C-bus or 3-wire
serial bus, selected via a logic input).
The IC also includes a PLL that can be locked on the
horizontal line frequency and generates the ADC clock.
The PLL jitter is minimized for high resolution PC graphics
applications. An external clock can also be input to the
ADC.
It is possible to set the TDA8752 serial bus address
between four fixed values, in the event that several
TDA8752 ICs are used in a system, using the I2C-bus
interface (for example, two ICs used in an odd/even
configuration).
ORDERING INFORMATION
TYPE
NUMBER
PACKAGE
SAMPLING
FREQUENCY
(MHz)
NAME
DESCRIPTION
VERSION
TDA8752H/6
QFP100
plastic quad flat package; 100 leads (lead length 1.95 mm);
body 14
× 20 × 2.8 mm
SOT317-2
60
TDA8752H/8
100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com