Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA8752H/6 Datasheet(PDF) 19 Page - NXP Semiconductors

Part # TDA8752H/6
Description  Triple high speed Analog-to-Digital Converter ADC
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8752H/6 Datasheet(HTML) 19 Page - NXP Semiconductors

Back Button TDA8752H/6 Datasheet HTML 15Page - NXP Semiconductors TDA8752H/6 Datasheet HTML 16Page - NXP Semiconductors TDA8752H/6 Datasheet HTML 17Page - NXP Semiconductors TDA8752H/6 Datasheet HTML 18Page - NXP Semiconductors TDA8752H/6 Datasheet HTML 19Page - NXP Semiconductors TDA8752H/6 Datasheet HTML 20Page - NXP Semiconductors TDA8752H/6 Datasheet HTML 21Page - NXP Semiconductors TDA8752H/6 Datasheet HTML 22Page - NXP Semiconductors TDA8752H/6 Datasheet HTML 23Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 36 page
background image
1999 Mar 09
19
Philips Semiconductors
Product specification
Triple high speed Analog-to-Digital
Converter (ADC)
TDA8752
Table 5
Charge-pump current control
The default programmed value is as follows:
• Charge pump current = 100 µA
• Test bits: no test mode; bits Up and Do at logic 0
• Rising edge of CKREF: bit edge at logic 0
• COAST and HSYNC inputs are active HIGH: V level and
H level at logic 0.
VCO REGISTER
The bits Z2, Z1 and Z0 enable the internal resistance for
the VCO filter to be selected.
Table 6
VCO register bits
Ip2
Ip1
Ip0
CURRENT
(
µA)
0
0
0
6.25
0
0
1
12.5
010
25
011
50
100
100
101
200
110
400
111
700
Z2
Z1
Z0
RESISTANCE
(k
Ω)
0
0
0
high impedance
001
128
010
32
011
16
100
8
101
4
110
2
111
1
Table 7
VCO gain control
The bits VCO1 and VCO0 control the VCO gain.
The default programmed value is as follows:
• Internal resistance = 16 kΩ
• VCO gain = 15 MHz/V.
DIVIDER REGISTER
This register controls the PLL frequency. The bits are the
LSB bits.
The default programmed value is 0011 0010 0000 = 800.
The MSB bits (Di11, Di10, Di9) and the LSB bit (Di0) have
to be programmed before the bits Di8 to Di1 to have the
required divider ratio. The bit Di0 is used for the parity
divider number = Di0 = 0 = even number Di0 = 1 = odd
number. It should be noted that if the I2C-bus programming
is done in mode = 1 and the bit Di0 has to be toggled, then
the registers have to be loaded twice to have the update
divider ratio.
POWER-DOWN MODE
• When the supply is completely switched off, the
registers are set to their default values; in that event they
have to be reprogrammed if the required settings are
different (e.g. through an EEPROM)
• When the device is in power-down mode, the previously
programmed register values remain unaffected.
PHASEA AND PHASEB REGISTERS
The bit Cka is logic 0 when the used clock is the PLL clock,
and logic 1 when the used clock is the external clock.
The bit Ckb is logic 0 when the second clock is not used.
The bits Pa4 to Pa0 and Pb4 to Pb0 are used to program
the phase shift for the clock, CKADCO, CKAO and CKBO
(see Table 8).
VCO1
VCO0
VCO gain
(MHz/V)
PIXEL CLOCK
FREQUENCY
RANGE (MHz)
1
0
60
10 to 17
0
1
30
17 to 35
1
0
60
35 to 60
1
1
100
60 to 100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com