Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA8752H/6 Datasheet(PDF) 30 Page - NXP Semiconductors

Part # TDA8752H/6
Description  Triple high speed Analog-to-Digital Converter ADC
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8752H/6 Datasheet(HTML) 30 Page - NXP Semiconductors

Back Button TDA8752H/6 Datasheet HTML 26Page - NXP Semiconductors TDA8752H/6 Datasheet HTML 27Page - NXP Semiconductors TDA8752H/6 Datasheet HTML 28Page - NXP Semiconductors TDA8752H/6 Datasheet HTML 29Page - NXP Semiconductors TDA8752H/6 Datasheet HTML 30Page - NXP Semiconductors TDA8752H/6 Datasheet HTML 31Page - NXP Semiconductors TDA8752H/6 Datasheet HTML 32Page - NXP Semiconductors TDA8752H/6 Datasheet HTML 33Page - NXP Semiconductors TDA8752H/6 Datasheet HTML 34Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 36 page
background image
1999 Mar 09
30
Philips Semiconductors
Product specification
Triple high speed Analog-to-Digital
Converter (ADC)
TDA8752
Fig.13 Application diagram.
All supply pins have to be decoupled, with two capacitors:
one for high frequencies (approximately 1 nF) and one for the low frequencies (approximately 100 nF or higher).
handbook, full pagewidth
80
79
78
77
76
75
74
73
72
71
70
69
68
67
66
65
64
63
62
61
60
59
58
57
56
55
54
53
52
51
CKREFO
VCCOR
R7
R6
R5
R4
R3
R2
R1
R0
OGNDR
VCCOG
G7
G6
G5
G4
G3
G2
G1
G0
OGNDG
VCCOB
B7
B6
B5
B4
B3
B2
B1
n.c.
DEC2
Vref
DEC1
n.c.
RAGC
RBOT
RGAINC
RCLP
RDEC
VCCAR
RIN
AGNDR
GAGC
GBOT
GGAINC
GCLP
GDEC
VCCAG
GIN
AGNDG
BAGC
BBOT
BGAINC
BCLP
BCDEC
VCCAB
BIN
RIN
2.5 V
GIN
BIN
AGNDB
n.c.
n.c.
VCCA(PLL)
CZ
CP
AGNDPLL
VCCD
CKREF
COAST
CKEXT
INV
HSYNC
CLP
PWDWN
OE
DGND
VCCO(PLL)
CKADCO
CKBO
OGNDPLL
CKAO
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
100 99 98 97 96 95 94 93 92 91 90 89 88 87 86 85 84 83 82 81
31
40 41
32
42
33
43
34
44
35
45
36
46
37
47
38
48
39
49 50
MGG371
TDA8752
n.c.
4.7
k
Ω
4.7
k
Ω
150 pF
10 nF
1.5 nF
10 nF
22 nF
4.7 nF
10 nF
10 nF
22 nF
4.7 nF
10 nF
10 nF
22 nF
4.7 nF
10 nF
100 nF
33 nF
100 nF
75
Ω or 50 Ω
100 nF
75
Ω or 50 Ω
n.c.
I2C/3W
ADD1
ADD2
TCK
TDO
DIS
SEN
SCL
VDDD
VDDD
VDDD
VSSD
SDA
n.c.
GOR
n.c.
BOR
ROR
n.c.
OGNDB
B0
75
Ω or 50 Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com