Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA8752H/6 Datasheet(PDF) 27 Page - NXP Semiconductors

Part # TDA8752H/6
Description  Triple high speed Analog-to-Digital Converter ADC
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8752H/6 Datasheet(HTML) 27 Page - NXP Semiconductors

Back Button TDA8752H/6 Datasheet HTML 23Page - NXP Semiconductors TDA8752H/6 Datasheet HTML 24Page - NXP Semiconductors TDA8752H/6 Datasheet HTML 25Page - NXP Semiconductors TDA8752H/6 Datasheet HTML 26Page - NXP Semiconductors TDA8752H/6 Datasheet HTML 27Page - NXP Semiconductors TDA8752H/6 Datasheet HTML 28Page - NXP Semiconductors TDA8752H/6 Datasheet HTML 29Page - NXP Semiconductors TDA8752H/6 Datasheet HTML 30Page - NXP Semiconductors TDA8752H/6 Datasheet HTML 31Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 36 page
background image
1999 Mar 09
27
Philips Semiconductors
Product specification
Triple high speed Analog-to-Digital
Converter (ADC)
TDA8752
Notes to the characteristics
1. Effective bits are obtained via a Fast Fourier Transform (FFT) treatment taking 8000 acquisition points per equivalent
fundamental period. The calculation takes into account all harmonics and noise up to half clock frequency (NYQUIST
frequency). Conversion-to-noise ratio: S/N = EB
× 6.02 + 1.76 dB.
2. Output data acquisition is available after the maximum delay time td(o), which is the time during which the data is
available. All the timings are given for a 10 pF capacitive load. A higher load can be used but the timing must then
be rechecked.
3. The I2C-bus timings are given for a frequency of 100 kbit/s (100 kHz). This bus can be used at a frequency of
400 kbit/s (400 kHz).
tHD;STA
start condition hold time
4.0
−−
µs
tSU;STA
start condition set-up time
repeated start
4.7
−−
µs
tCKL
LOW level clock period
4.7
−−
µs
tCKH
HIGH level clock period
4.0
−−
µs
tSU;DAT
data set-up time
250
−−
ns
tHD;DAT
data hold time
0
−−
ns
tr
SDA and SCL rise time
for fSCL = 100 kHz
−−
1.0
µs
tf
SDA and SCL fall time
for fSCL = 100 kHz
−−
300
ns
tSU;STOP
stop condition set-up time
4.0
−−
µs
CL(bus)
capacitive load for each bus
line
−−
400
pF
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Fig.11 Timing diagram.
handbook, full pagewidth
td(s)
sample N
+ 1
sample N
CKADCO
n
MGL103
sample N
+ 2
50 % = 1.4 V
1.4 V
2.4 V
0.4 V
VlN
DATA
R0 to R7, ROR
G0 to G7, GOR
B0 to B7, BOR
td(o)
th(o)
tCPH
tCPL
In + 2
In + 1
In
In − 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com