Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA8752H/6 Datasheet(PDF) 20 Page - NXP Semiconductors

Part # TDA8752H/6
Description  Triple high speed Analog-to-Digital Converter ADC
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8752H/6 Datasheet(HTML) 20 Page - NXP Semiconductors

Back Button TDA8752H/6 Datasheet HTML 16Page - NXP Semiconductors TDA8752H/6 Datasheet HTML 17Page - NXP Semiconductors TDA8752H/6 Datasheet HTML 18Page - NXP Semiconductors TDA8752H/6 Datasheet HTML 19Page - NXP Semiconductors TDA8752H/6 Datasheet HTML 20Page - NXP Semiconductors TDA8752H/6 Datasheet HTML 21Page - NXP Semiconductors TDA8752H/6 Datasheet HTML 22Page - NXP Semiconductors TDA8752H/6 Datasheet HTML 23Page - NXP Semiconductors TDA8752H/6 Datasheet HTML 24Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 36 page
background image
1999 Mar 09
20
Philips Semiconductors
Product specification
Triple high speed Analog-to-Digital
Converter (ADC)
TDA8752
Table 8
Phase registers bits
The default programmed value is as follows:
• No external clock: CKA at logic 0
• No use of the second clock: CKB at logic 0
• Phase shift for CKAO and CKADCO = 0°
• Phase shift for CKBO = 0°.
I2C-bus protocol
Table 9
I2C-bus address
The I2C-bus address of the circuit is 10011 xx0.
Bits A2 and A1 are fixed by the potential on pins ADD1 and ADD2. Thus, four TDA8752s can be used on the same
system, using the addresses for ADD1 and ADD2 with the I2C-bus. The A0 bit must always be equal to logic 0 because
it is not possible to read the data in the register. The timing and protocol for the I2C-bus are standard. Two sequences
are available, see Tables 10 and 11.
Table 10 Address sequence for mode 0
Where: S = START condition, ACK = acknowledge and P = STOP condition.
Table 11 Address sequence for mode 1
Where: S = START condition, ACK = acknowledge and P = STOP condition.
Pa4, Pb4
Pa3, Pb3
Pa2, Pb2
Pa1, Pb1
Pa0, Pb0
PHASE SHIFT (
°)
000000
00001
11.25
↓↓↓↓↓↓
↓↓↓↓↓↓
11110
337.5
11111
348.75
A7
A6
A5
A4
A3
A2
A1
A0
10011
ADD2
ADD1
0
S
IC ADDRESS
ACK
SUBADDRESS
REGISTER1
ACK
DATA
REGISTER1
(see Table 1)
ACK
SUBADDRESS
REGISTER2
ACK
....
P
S
IC ADDRESS
ACK
SUBADDRESS
xxx1 1111
ACK
DATA
REGISTER1
(see Table 1)
ACK
DATA
REGISTER2
ACK
....
P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com